Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 30 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 30 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 26Page - Winbond W25Q128FVCIP Datasheet HTML 27Page - Winbond W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
W25Q128FV
- 29 -
DO
(IO
1)
8.2.3
Write Disable (04h)
The Write Disable instruction (Figure 7) resets the Write Enable Latch (WEL) bit in the Status Register to
a 0. The Write Disable instruction is entered by driving /CS low, shifting the instruction code “04h” into the
DI pin and then driving /CS high. Note that the WEL bit is automatically reset after Power-up and upon
completion of the Write Status Register, Erase/Program Security Registers, Page Program, Quad Page
Program, Sector Erase, Block Erase, Chip Erase and Reset instructions.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Mode 0
Mode 3
Instruction (04h)
High Impedance
/CS
CLK
Mode 0
Mode 3
0
1
Mode 0
Mode 3
IO
0
IO
1
IO
2
IO
3
04h
Instruction
Figure 7. Write Disable Instruction for SPI Mode (left) or QPI Mode (right)
8.2.4
Read Status Register-1 (05h), Status Register-2 (35h) & Status Register-3 (15h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is
entered by driving /CS low and shifting the instruction code “05h” for Status Register-1, “35h” for Status
Register-2 or “15h” for Status Register-3 into the DI pin on the rising edge of CLK. The status register bits
are then shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first as shown
in Figure 8. Refer to section 7.1 for Status Register descriptions.
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the BUSY status bit to be checked to determine when the
cycle is complete and if the device can accept another instruction. The Status Register can be read
continuously, as shown in Figure 8. The instruction is completed by driving /CS high.
Figure 8a. Read Status Register Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com