Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 81 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 81 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 77Page - Winbond W25Q128FVCIP Datasheet HTML 78Page - Winbond W25Q128FVCIP Datasheet HTML 79Page - Winbond W25Q128FVCIP Datasheet HTML 80Page - Winbond W25Q128FVCIP Datasheet HTML 81Page - Winbond W25Q128FVCIP Datasheet HTML 82Page - Winbond W25Q128FVCIP Datasheet HTML 83Page - Winbond W25Q128FVCIP Datasheet HTML 84Page - Winbond W25Q128FVCIP Datasheet HTML 85Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 80 -
Revision D
9.3 Power-Up Power-Down Timing and Requirements
PARAMETER
SYMBOL
SPEC
UNIT
MIN
MAX
VCC (min) to /CS Low
tVSL(1)
20
µs
Time Delay Before Write Instruction
tPUW(1)
5
ms
Write Inhibit Threshold Voltage
VWI(1)
1.0
2.0
V
Note:
1. These parameters are characterized only.
VCC
tVSL
Read Instructions
Allowed
Device is fully
Accessible
tPUW
/CS must track VCC
Program, Erase and Write Instructions are ignored
Reset
State
VCC (max)
VCC (min)
VWI
Time
Figure 58a. Power-up Timing and Voltage Levels
VCC
Time
/CS must track VCC
during VCC Ramp Up/Down
/CS
Figure 58b. Power-up, Power-Down Requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com