Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 15 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 15 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 11Page - Winbond W25Q128FVCIP Datasheet HTML 12Page - Winbond W25Q128FVCIP Datasheet HTML 13Page - Winbond W25Q128FVCIP Datasheet HTML 14Page - Winbond W25Q128FVCIP Datasheet HTML 15Page - Winbond W25Q128FVCIP Datasheet HTML 16Page - Winbond W25Q128FVCIP Datasheet HTML 17Page - Winbond W25Q128FVCIP Datasheet HTML 18Page - Winbond W25Q128FVCIP Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 14 -
Revision D
6.1.6
Software Reset & Hardware /RESET pin
The W25Q128FV can be reset to the initial power-on state by a software Reset sequence, either in SPI
mode or QPI mode. This sequence must include two consecutive commands: Enable Reset (66h) &
Reset (99h). If the command sequence is successfully accepted, the device will take approximately 30uS
(tRST) to reset. No command will be accepted during the reset period.
For the WSON-8 and TFBGA package types, W25Q128FV can also be configured to utilize a hardware
/RESET pin. The HOLD/RST bit in the Status Register-3 is the configuration bit for /HOLD pin function or
RESET pin function. When HOLD/RST=0 (factory default), the pin acts as a /HOLD pin as described
above; when HOLD/RST=1, the pin acts as a /RESET pin. Drive the /RESET pin low for a minimum period
of ~1us (tRESET*) will reset the device to its initial power-on state. Any on-going Program/Erase operation
will be interrupted and data corruption may happen. While /RESET is low, the device will not accept any
command input.
If QE bit is set to 1, the /HOLD or /RESET function will be disabled, the pin will become one of the four
data I/O pins.
For the SOIC-16 package, W25Q128FV provides a dedicated /RESET pin in addition to the /HOLD (IO3)
pin as illustrated in Figure 1b. Drive the /RESET pin low for a minimum period of ~1us (tRESET*) will reset
the device to its initial power-on state. The HOLD/RST bit or QE bit in the Status Register will not affect
the function of this dedicated /RESET pin.
Hardware /RESET pin has the highest priority among all the input signals. Drive /RESET low for a
minimum period of ~1us (tRESET*) will interrupt any on-going external/internal operations, regardless the
status of other SPI signals (/CS, CLK, IOs, /WP and/or /HOLD).
Note: While a faster /RESET pulse (as short as a few hundred nanoseconds) will often reset the device, a
1us minimum is recommended to ensure reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com