Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 61 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 61 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 57Page - Winbond W25Q128FVCIP Datasheet HTML 58Page - Winbond W25Q128FVCIP Datasheet HTML 59Page - Winbond W25Q128FVCIP Datasheet HTML 60Page - Winbond W25Q128FVCIP Datasheet HTML 61Page - Winbond W25Q128FVCIP Datasheet HTML 62Page - Winbond W25Q128FVCIP Datasheet HTML 63Page - Winbond W25Q128FVCIP Datasheet HTML 64Page - Winbond W25Q128FVCIP Datasheet HTML 65Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 60 -
Revision D
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
ABh
Instruction
Mode 0
Mode 3
tRES1
Power-down current
Stand-by current
Figure 38b. Release Power-down Instruction (QPI Mode)
tRES2
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (ABh)
High Impedance
8
9
29
30
31
3 Dummy Bytes
23
22
2
1
0
*
Mode 0
Mode 3
7
6
5
4
3
2
1
0
*
32
33
34
35
36
37
38
Device ID
Power-down current
Stand-by current
= MSB
*
Figure 38c. Release Power-down / Device ID Instruction (SPI Mode)
Power-down current
Stand-by current
Device ID
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
ABh
2
3
4
5
X
X
X
X
X
X
X
X
6
7
8
4
0
5
1
6
2
7
3
IOs switch from
Input to Output
Instruction
tRES2
Mode 0
Mode 3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
3 Dummy Bytes
Figure 38d. Release Power-down / Device ID Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com