Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 73 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 73 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 69Page - Winbond W25Q128FVCIP Datasheet HTML 70Page - Winbond W25Q128FVCIP Datasheet HTML 71Page - Winbond W25Q128FVCIP Datasheet HTML 72Page - Winbond W25Q128FVCIP Datasheet HTML 73Page - Winbond W25Q128FVCIP Datasheet HTML 74Page - Winbond W25Q128FVCIP Datasheet HTML 75Page - Winbond W25Q128FVCIP Datasheet HTML 76Page - Winbond W25Q128FVCIP Datasheet HTML 77Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 72 -
Revision D
(IO
1)
8.2.36 Enter QPI Mode (38h)
The W25Q128FV support both Standard/Dual/Quad Serial Peripheral Interface (SPI) and Quad Peripheral
Interface (QPI). However, SPI mode and QPI mode cannot be used at the same time. “Enter QPI (38h)”
instruction is the only way to switch the device from SPI mode to QPI mode.
Upon power-up, the default state of the device upon is Standard/Dual/Quad SPI mode. This provides full
backward compatibility with earlier generations of Winbond serial flash memories. See Instruction Set
Table 1-3 for all supported SPI commands. In order to switch the device to QPI mode, the Quad Enable
(QE) bit in Status Register-2 must be set to 1 first, and an “Enter QPI (38h)” instruction must be issued. If
the Quad Enable (QE) bit is 0, the “Enter QPI (38h)” instruction will be ignored and the device will remain
in SPI mode.
See Instruction Set Table 3 for all the commands supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing Write Enable and Program/Erase
Suspend status, and the Wrap Length setting will remain unchanged.
/CS
CLK
DI
(IO
0)
DO
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (38h)
High Impedance
Mode 0
Mode 3
Figure 50. Enter QPI Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com