Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q128FVCIP Datasheet(PDF) 60 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 60 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 56Page - Winbond W25Q128FVCIP Datasheet HTML 57Page - Winbond W25Q128FVCIP Datasheet HTML 58Page - Winbond W25Q128FVCIP Datasheet HTML 59Page - Winbond W25Q128FVCIP Datasheet HTML 60Page - Winbond W25Q128FVCIP Datasheet HTML 61Page - Winbond W25Q128FVCIP Datasheet HTML 62Page - Winbond W25Q128FVCIP Datasheet HTML 63Page - Winbond W25Q128FVCIP Datasheet HTML 64Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
W25Q128FV
- 59 -
8.2.24 Release Power-down / Device ID (ABh)
The Release from Power-down / Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the power-down state, or obtain the devices electronic identification (ID) number.
To release the device from the power-down state, the instruction is issued by driving the /CS pin low,
shifting the instruction code “ABh” and driving /CS high as shown in Figure 38a & 38b. Release from
power-down will take the time duration of tRES1 (See AC Characteristics) before the device will resume
normal operation and other instructions are accepted. The /CS pin must remain high during the tRES1 time
duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated by
driving the /CS pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The Device ID
bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first. The Device ID
value for the W25Q128FV is listed in Manufacturer and Device Identification table. The Device ID can be
read continuously. The instruction is completed by driving /CS high.
When used to release the device from the power-down state and obtain the Device ID, the instruction is
the same as previously described, and shown in Figure 38c & 38d, except that after /CS is driven high it
must remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device
will resume normal operation and other instructions will be accepted. If the Release from Power-down /
Device ID instruction is issued while an Erase, Program or Write cycle is in process (when BUSY equals
1) the instruction is ignored and will not have any effects on the current cycle.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (ABh)
Mode 0
Mode 3
tRES1
Power-down current
Stand-by current
Figure 38a. Release Power-down Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com