Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 172Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 173Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 174Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 175Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 176Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 177Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 178Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 179Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 176
 2011-2013 Microchip Technology Inc.
REGISTER 17-3:
I2CxMSK: I2Cx SLAVE MODE ADDRESS MASK REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
AMSK9
AMSK8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AMSK7
AMSK6
AMSK5
AMSK4
AMSK3
AMSK2
AMSK1
AMSK0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented: Read as ‘0’
bit 9-0
AMSK<9:0>: Mask for Address Bit x Select bits
1 = Enables masking for bit x of an incoming message address; bit match is not required in this position
0 = Disables masking for bit x; bit match is required in this position
REGISTER 17-4:
PADCFG1: PAD CONFIGURATION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
—
SMBUSDEL2 SMBUSDEL1
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Unimplemented: Read as ‘0’
bit 5
SMBUSDEL2: SMBus SDA2 Input Delay Select bit
1 = The I2C2 module is configured for a longer SMBus input delay (nominal 300 ns delay)
0 = The I2C2 module is configured for a legacy input delay (nominal 150 ns delay)
bit 4
SMBUSDEL1: SMBus SDA1 Input Delay Select bit
1 = The I2C1 module is configured for a longer SMBus input delay (nominal 300 ns delay)
0 = The I2C1 module is configured for a legacy input delay (nominal 150 ns delay)
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com