Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 173Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 174Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 175Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 176Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 177Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 178Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 179Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 180Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 177
PIC24FV32KA304 FAMILY
18.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules
available in this PIC24F device family. The UART is a
full-duplex, asynchronous system that can communicate
with peripheral devices, such as personal computers,
LIN/J2602, RS-232 and RS-485 interfaces. This module
also supports a hardware flow control option with the
UxCTS and UxRTS pins, and also includes an IrDA®
encoder and decoder.
The primary features of the UART module are:
• Full-Duplex, 8-Bit or 9-Bit Data Transmission
through the UxTX and UxRX Pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or Two Stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS pins
• Fully Integrated Baud Rate Generator (IBRG) with
16-Bit Prescaler
• Baud Rates Ranging from 1 Mbps to 15 bps at
16 MIPS
• 4-Deep, First-In-First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, Framing and Buffer Overrun Error
Detection
• Support for 9-Bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive Interrupts
• Loopback mode for Diagnostic Support
• Support for Sync and Break Characters
• Supports Automatic Baud Rate Detection
•IrDA® Encoder and Decoder Logic
• 16x Baud Clock Output for IrDA Support
A simplified block diagram of the UARTx is shown in
Figure 18-1. The UARTx module consists of these
important hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 18-1:
UARTx SIMPLIFIED BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the Univer-
sal Asynchronous Receiver Transmitter,
refer to the “PIC24F Family Reference
Manual”, Section 21. “UART” (DS39708).
Note:
Throughout this section, references to
register and bit names that may be asso-
ciated with a specific USART module are
referred to generically by the use of ‘x’ in
place of the specific module number.
Thus, “UxSTA” might refer to the USART
Status register for either USART1 or
USART2.
UxRX
IrDA®
Hardware Flow Control
UARTx Receiver
UARTx Transmitter
UxTX
UxCTS
UxRTS
UxBCLK
Baud Rate Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com