Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 174Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 175Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 176Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 177Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 178Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 179Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 180Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 181Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 178
 2011-2013 Microchip Technology Inc.
18.1
UARTx Baud Rate Generator
(BRG)
The UARTx module includes a dedicated 16-bit Baud
Rate Generator (BRG). The UxBRG register controls
the period of a free-running, 16-bit timer. Equation 18-1
provides the formula for computation of the baud rate
with BRGH = 0.
EQUATION 18-1:
UARTx BAUD RATE WITH
BRGH = 0(1)
Example 18-1 provides the calculation of the baud rate
error for the following conditions:
•FCY = 4 MHz
• Desired Baud Rate = 9600
The maximum baud rate (BRGH = 0) possible is
FCY/16 (for UxBRG = 0) and the minimum baud rate
possible is FCY/(16 * 65536).
Equation 18-2 shows the formula for computation of
the baud rate with BRGH = 1.
EQUATION 18-2:
UARTx BAUD RATE WITH
BRGH = 1(1)
The maximum baud rate (BRGH = 1) possible is FCY/4
(for UxBRG = 0) and the minimum baud rate possible
is FCY/(4 * 65536).
Writing a new value to the UxBRG register causes the
BRG timer to be reset (cleared). This ensures the BRG
does not wait for a timer overflow before generating the
new baud rate.
EXAMPLE 18-1:
BAUD RATE ERROR CALCULATION (BRGH = 0)(1)
Note 1:
Based on FCY = FOSC/2; Doze mode
and PLL are disabled.
Baud Rate =
FCY
16 • (UxBRG + 1)
FCY
16 • Baud Rate
UxBRG =
– 1
Baud Rate =
FCY
4 • (UxBRG + 1)
FCY
4 • Baud Rate
UxBRG =
– 1
Note 1: Based on FCY = FOSC/2; Doze mode
and PLL are disabled.
Desired Baud Rate
= FCY/(16 (UxBRG + 1))
Solving for UxBRG value:
UxBRG
= ((FCY/Desired Baud Rate)/16) – 1
UxBRG
= ((4000000/9600)/16) – 1
UxBRG
= 25
Calculated Baud Rate = 4000000/(16 (25 + 1))
= 9615
Error
= (Calculated Baud Rate – Desired Baud Rate)
Desired Baud Rate
= (9615 – 9600)/9600
=0.16%
Note 1: Based on FCY = FOSC/2; Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com