Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 27Page - Microchip Technology MCP795W21 Datasheet HTML 28Page - Microchip Technology MCP795W21 Datasheet HTML 29Page - Microchip Technology MCP795W21 Datasheet HTML 30Page - Microchip Technology MCP795W21 Datasheet HTML 31Page - Microchip Technology MCP795W21 Datasheet HTML 32Page - Microchip Technology MCP795W21 Datasheet HTML 33Page - Microchip Technology MCP795W21 Datasheet HTML 34Page - Microchip Technology MCP795W21 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 31
MCP795W1X/MCP795W2X
The debounce will only operate if the clock is running
and these timings are based on the uncalibrated
32.768 kHz clock.
• EVHS<1:0> – These bits determine how many
high-speed events must occur before the EVHIF
bit is set. All of these events must occur within
250 ms.
- 00 – 1st Event
- 01 – 4th Event
- 10 – 16th Event
- 11 – 32nd Event
9.1.5
VBAT SWITCHOVER
If the VBAT feature is not used, the VBAT pin should be
connected to GND. A low value series resistor and
Schottky diode are recommended between the
external battery and the VBAT pin to reduce inrush
current and also to prevent any leakage current
reaching the external VBAT source.
The VTRIP point is defined as 1.5V typical. When VDD
falls below 1.5V the system will continue to operate
the RTCC and SRAM using the VBAT supply. There is
~50mV hyst in the trip point changeover. The following
conditions apply:
For more information on VBAT conditions see the RTCC
Best Practices Application Note, AN1365 (DS01365).
9.1.6
UNIQUE ID LOCATIONS
When the unique ID locations are preprogrammed from
the factory with either an EUI-48 or EUI-64, the EUI
code is programmed into location 0x00-0x07.
Locations 0x08-0x0F are blank (0xFF).
To read the unique ID location the IDREAD command
is given with the starting address. Valid addresses are
0x00 through 0x0F. All 16 bytes can be read out in a
single command by clocking the device. Trying to
access locations past 0x0F will result in the address
wrapping within these 16 bytes.
FIGURE 9-2:
IDREAD COMMAND SEQUENCE
To write to the unique ID locations, the IDWRITE
command is used. The device must be write enabled
and the correct unlock sequence must have been
performed. See Section 10.1.4, Write to the Unlock
Register for more details.
The ID locations can be written to using the IDWRITE
command. The valid address is between 0x00 and
0x0F. The entire 16 bytes must be written in two
groups of eight bytes. A maximum of eight bytes can
be written at once.
TABLE 9-1:
VBAT CHANGOVER
CONDITIONS
Supply
Condition
Read/Write
Access
Powered
By
VCC < VTRIP, VCC < VBAT
No
VBAT
VCC > VTRIP, VCC < VBAT
Yes
VCC
VCC > VTRIP, VCC > VBAT
Yes
VCC
Note:
For EUI-64, the data is located in address
0x00-0x07. For EUI-48 locations, 0x02-
0x07 contain the data. 0x00/01 contain
0xFF.
SO
SI
SCK
CS
0
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22
1
01
0
1
1
0
01
0
0
0
0
10
76543210
Instruction
Address Byte
Data Out
High-Impedance
23
32
Don’t Care
Address range is 0x00-0x0F, address counter will wrap within this range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com