Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 33Page - Microchip Technology MCP795W21 Datasheet HTML 34Page - Microchip Technology MCP795W21 Datasheet HTML 35Page - Microchip Technology MCP795W21 Datasheet HTML 36Page - Microchip Technology MCP795W21 Datasheet HTML 37Page - Microchip Technology MCP795W21 Datasheet HTML 38Page - Microchip Technology MCP795W21 Datasheet HTML 39Page - Microchip Technology MCP795W21 Datasheet HTML 40Page - Microchip Technology MCP795W21 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 37
MCP795W1X/MCP795W2X
9.2
Crystal Specification and
Selection
The MCP795WXX has been designed to operate with
a standard 32.768 kHz tuning fork crystal. The on-
board oscillator has been characterized to operate with
a crystal of maximum ESR of 70K Ohms.
Crystals with a comparable specification are also
suitable for use with the MCP795WXX.
The table below is given as design guidance and a
starting point for crystal and capacitor selection.
EQUATION 9-1:
The following must also be taken into consideration:
• Pin capacitance (to be included in Cx2 and Cx1)
• Stray Board Capacitance
The recommended board layout for the oscillator area
is shown in Figure 9-9. This actual board shows the
crystal and the load capacitors. In this example, C2 is
CX1, C1 is CX2 and the crystal is designated as Y1.
When calculating the effective load capacitance,
Equation 9-1 can be used.
FIGURE 9-9:
BOARD LAYOUT
Gerber files are available on request. Please contact
your Microchip Sales representative.
It is required that the final application should be tested
with the chosen crystal and capacitor combinations
across all operating and environmental conditions.
Please also consult with the crystal specification to
observe correct handling and reflow conditions and for
information on ideal capacitor values.
For more information please see the RTCC Best
Practices AN1365 (DS01365).
Manufacturer
Part Number
Crystal
Capacitance
CX1 Value
CX2 Value
Micro Crystal
CM7V-T1A
7pF
10pF
12pF
Citizen
CM200S-32.768KDZB-UT
6pF
10pF
8 pF
Please work with your crystal vendor.
Cload
CX2 CX1
CX2
CX1
+
-----------------------------
Cstray
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com