Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 35Page - Microchip Technology MCP795W21 Datasheet HTML 36Page - Microchip Technology MCP795W21 Datasheet HTML 37Page - Microchip Technology MCP795W21 Datasheet HTML 38Page - Microchip Technology MCP795W21 Datasheet HTML 39Page - Microchip Technology MCP795W21 Datasheet HTML 40Page - Microchip Technology MCP795W21 Datasheet HTML 41Page - Microchip Technology MCP795W21 Datasheet HTML 42Page - Microchip Technology MCP795W21 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 39
MCP795W1X/MCP795W2X
FIGURE 10-2:
WRITE SEQUENCE
10.1.4
WRITE TO THE UNLOCK REGISTER
The MCP795WXX contains a protected area of 64 bits
that can be used to hold a unique ID, such as a serial
number or MAC address code. To gain write access to
these locations, a specific sequence is required. Any
deviation from this sequence will reset the lock on
these locations. Once these locations have been
unlocked they have to be written to in the next
command by issuing the correct command. A write to
a different location will lock the ID locations and clear
the WEL bit.
The following is a list of strict conditions which have to
be followed before the unique locations can be written
to:
• EEWREN instruction successfully executed
• UNLOCK 0x55 instruction successfully executed
• UNLOCK 0xAA instruction successfully executed
To issue each UNLOCK instruction the Unlock
command is sent followed by 0x55. Then in a separate
command the Unlock command is issued followed by
0xAA. It is a requirement that each command be
separate, that is CS must toggle between each
command.
Information on how to read and write the ID locations
is detailed in Section 9.1.6, Unique ID Locations.
FIGURE 10-3:
UNLOCK SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22
1
00
0
1
0
0
0
A7 6
5
4
1A0 76543210
Instruction
Address Byte
Data Byte
High-Impedance
23
32
1
SO
SI
SCK
CS
0
234567
89 10 11 12 13 14 15
1
10
0
1
0
0
0
76
5
4
10
Instruction
Data
High-Impedance
32
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com