Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 34Page - Microchip Technology MCP795W21 Datasheet HTML 35Page - Microchip Technology MCP795W21 Datasheet HTML 36Page - Microchip Technology MCP795W21 Datasheet HTML 37Page - Microchip Technology MCP795W21 Datasheet HTML 38Page - Microchip Technology MCP795W21 Datasheet HTML 39Page - Microchip Technology MCP795W21 Datasheet HTML 40Page - Microchip Technology MCP795W21 Datasheet HTML 41Page - Microchip Technology MCP795W21 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
MCP795W1X/MCP795W2X
DS22280C-page 38
Preliminary
 2011-2012 Microchip Technology Inc.
10.0 ON-BOARD MEMORY
The MCP795WXX has both on-board EEPROM
memory and battery-backed SRAM. The SRAM is
arranged as 64 x 8 bytes and is retained when VCC
supply is removed. The EEPROM is organized as 256/
128 x 8 bytes. The EEPROM is nonvolatile and does
not require VBAT supply for retention.
10.1
SRAM
The SRAM array is a battery-backed-up array of 64
bytes. The SRAM is accessed using the Read and
Write commands, starting at address 0x20h.
Upon power-up the SRAM locations are in an
undefined state but can be set to a known value using
the CLRRAM instruction (Figure 9-8).
10.1.1
SRAM/RTCC OPERATION
The MCP795WXX contains a Real-Time Clock and
Calendar. The RTCC registers and SRAM array are
accessed using the same commands. The RTCC
registers and SRAM array are powered internally from
the switched supply that is either connected to VCC or
VBAT supply. No external read/write operations are
permitted when the device is running from the VBAT
supply.
Table 3-1 contains a list of the possible instruction
bytes and format for device operation.
10.1.2
READ SEQUENCE
The part is selected by pulling CS low. The 8-bit READ
instruction is transmitted to the MCP795W20 followed
by the 8-bit address (A7 through A0). After the correct
READ instruction and address are sent, the data stored
in the memory at the selected address is shifted out on
the SO pin. The data stored in the memory at the next
address can be read sequentially by continuing to
provide clock pulses. The internal Address Pointer is
automatically incremented to the next higher address
after each byte of data is shifted out.
As the RTCC registers are separate from the SRAM
array, when reading the RTCC registers set the
address will wrap back to the start of the RTCC regis-
ters. Also when an address within the SRAM array is
loaded the internal Address Pointer will wrap back to
the start of the SRAM array. The READ instruction can
be used to read the registers and array indefinitely by
continuing to clock the device. The read operation is
terminated by raising the CS pin (Figure 10-1).
10.1.3
WRITE SEQUENCE
As the RTCC registers and SRAM array do not require
the WREN sequence like the nonvolatile memory, the
user may proceed by setting the CS low, issuing the
WRITE instruction, followed by the address, and then
the data to be written. As no write cycle is required for
the RTCC registers and SRAM array the entire
contents can be written in a single command.
For the last data byte to be written to the RTCC regis-
ters and SRAM array, the CS must be brought high
after the last byte has been clocked in. If CS is brought
high at any other time, the last byte will not be written.
Refer to Figure 10-2 for more detailed illustrations on
the write sequence.
FIGURE 10-1:
READ SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22
1
01
0
1
0
0
01
A7 6
5
4
1A0
76543210
Instruction
Address Byte
Data Out
High-Impedance
23
32
Don’t Care
The address will rollover to the start of either the RTCC registers or SRAM array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com