Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 46Page - Microchip Technology MCP795W21 Datasheet HTML 47Page - Microchip Technology MCP795W21 Datasheet HTML 48Page - Microchip Technology MCP795W21 Datasheet HTML 49Page - Microchip Technology MCP795W21 Datasheet HTML 50Page - Microchip Technology MCP795W21 Datasheet HTML 51Page - Microchip Technology MCP795W21 Datasheet HTML 52Page - Microchip Technology MCP795W21 Datasheet HTML 53Page - Microchip Technology MCP795W21 Datasheet HTML 54Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 51
MCP795W1X/MCP795W2X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below
.
MCP795
I
/SL
Package
Temp
Range
Base Part
Base Part No.:
MCP795 = SPI RTCC
Additional
Features:
Blank = None
W
= Watchdog Timer, 2 Event Detects
Memory:
1
= 1 Kbit EE, 64 Bytes SRAM
2
= 2 Kbits EE, 64 Bytes SRAM
ID/MAC Address:
0= Blank
1
= EUI-48™ MAC Address
2
= EUI-64™ MAC Address
T/R:
Blank = Tube
T
= Tape and Reel
Temperature
Range:
I=
-40
C to +85C
Package:
SL = 14-Pin SOIC
ST = 14-Pin TSSOP
Examples:
a)
MCP795W20-I/SL: 2K EEPROM, Blank ID,
Industrial Temperature, SOIC Package
b)
MCP795W10-I/ST: 1K EEPROM, Blank ID,
Industrial Temperature, TSSOP Package
c)
MCP795W21-I/SL: 2K EEPROM, EUI-48™,
Industrial Temperature, SOIC Package
d)
MCP795W22-I/ST: 2K EEPROM, EUI-64™,
Industrial Temperature, TSSOP Package
Note 1:
All devices include a Watchdog Timer
and two Event Detects.
W
Additional
Features
1
Memory
0
Unique
T
T/R
ID
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com