Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 32Page - Microchip Technology MCP795W21 Datasheet HTML 33Page - Microchip Technology MCP795W21 Datasheet HTML 34Page - Microchip Technology MCP795W21 Datasheet HTML 35Page - Microchip Technology MCP795W21 Datasheet HTML 36Page - Microchip Technology MCP795W21 Datasheet HTML 37Page - Microchip Technology MCP795W21 Datasheet HTML 38Page - Microchip Technology MCP795W21 Datasheet HTML 39Page - Microchip Technology MCP795W21 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
MCP795W1X/MCP795W2X
DS22280C-page 36
Preliminary
 2011-2012 Microchip Technology Inc.
9.1.10
DATA PROTECTION
The following protection has been implemented to
prevent inadvertent writes to the array:
• The write enable latch is reset on power-up
• A Write Enable instruction must be issued to set
the write enable latch
• After a byte write, page write, unique ID write, or
STATUS register write, the write enable latch is
reset
•CS must be set high after the proper number of
clock cycles to start an internal write cycle
• Access to the array during an internal EEPROM
write cycle is ignored and programming is
continued
• Block protect bits are ignored for UID writes
9.1.11
CLEAR WATCHDOG INSTRUCTION
The Clear Watchdog command resets the internal
Watchdog Timer.
FIGURE 9-7:
CLRWDT
9.1.12
CLEAR RAM INSTRUCTION
The Clear Ram instruction is a 2-byte command that
will reset the internal SRAM to the known value. Using
this command, all locations in the SRAM are set to 00h
and the data value contained in the second byte of the
command is ignored.
FIGURE 9-8:
CLRRAM
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
01
10
00
0
0
CS
SO
SI
SCK
CS
0
234567
89 10 11 12 13 14 15
1
10
0
1
0
1
0
A7 6
5
4
1A0
Instruction
Data
High-Impedance
32
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com