Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 29Page - Microchip Technology MCP795W21 Datasheet HTML 30Page - Microchip Technology MCP795W21 Datasheet HTML 31Page - Microchip Technology MCP795W21 Datasheet HTML 32Page - Microchip Technology MCP795W21 Datasheet HTML 33Page - Microchip Technology MCP795W21 Datasheet HTML 34Page - Microchip Technology MCP795W21 Datasheet HTML 35Page - Microchip Technology MCP795W21 Datasheet HTML 36Page - Microchip Technology MCP795W21 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 33
MCP795W1X/MCP795W2X
9.1.7
POWER-FAIL TIME-STAMP
The MCP795WXX family of RTCC devices feature a
power-fail time-stamp feature. This feature will save the
time at which VCC crosses the VTRIP voltage and is
shown in Figure 9-4. To use this feature, a VBAT supply
must be present and the oscillator must also be
running. There are two separate sets of registers that
are used to record this information:
• The first set located at 0x18h through 0x1Bh are
loaded at the time when VCC falls below VTRIP
and the RTCC operates on the VBAT. The VBAT
(register 0x03h bit 4) bit is also set at this time.
• The second set of registers, located at 0x1Ch
through 0x1Fh, are loaded at the time when VCC
is restored and the RTCC switches to VCC.
The power-fail time-stamp registers are cleared when
the VBAT bit is cleared in software.
FIGURE 9-4:
POWER-FAIL GRAPH
9.1.8
READ STATUS REGISTER
(SRREAD)
The Read Status Register (SRREAD) instruction
provides access to the STATUS register. The STATUS
register may be read at any time, even during a write
cycle. The STATUS register is formatted as follows:
The Write-In-Process (WIP) bit indicates whether the
MCP795WXX is busy with a nonvolatile memory write
operation. When set to a ‘1’, a write is in progress,
when set to a ‘0’, no write is in progress. This bit is
read-only.
The Write Enable Latch (WEL) bit indicates the
status of the write enable latch. When set to a ‘1’, the
latch allows writes to the nonvolatile memory, when
set to a ‘0’, the latch prohibits writes to the nonvolatile
memory. The state of this bit can always be updated
via the WREN or WRDI commands, regardless of the
state of write protection on the STATUS register. This
bit is read-only.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write-protected. These bits
are set by the user issuing the WRSR instruction. These
bits are nonvolatile.
See Figure 9-5 for the RDSR timing sequence.
Note:
It is strongly recommended that the time-
saver function only be used when the
oscillator is running. This will ensure
accurate functionality.
VCC
VTRIP(max)
VTRIP(min)
Power-Down
Time-Stamp
Power-Up
Time-Stamp
7
654
3
2
1
0
—
——— R/W
R/W
R
R
X
XXX
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com