Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP795W21
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W21 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP795W21 Datasheet HTML 8Page - Microchip Technology MCP795W21 Datasheet HTML 9Page - Microchip Technology MCP795W21 Datasheet HTML 10Page - Microchip Technology MCP795W21 Datasheet HTML 11Page - Microchip Technology MCP795W21 Datasheet HTML 12Page - Microchip Technology MCP795W21 Datasheet HTML 13Page - Microchip Technology MCP795W21 Datasheet HTML 14Page - Microchip Technology MCP795W21 Datasheet HTML 15Page - Microchip Technology MCP795W21 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
MCP795W1X/MCP795W2X
DS22280C-page 12
Preliminary
 2011-2012 Microchip Technology Inc.
5.0
TIME AND CONFIGURATION REGISTERS
REGISTER 5-1:
HUNDREDTHS OF SECONDS 0X00
R/W
R/W
Tenth Seconds
Hundredths of Seconds
bit 7
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-4
TENTH SECONDS<3:0>: Tenth Seconds
bit 3-0
HUNDREDTHS OF SECONDS<3:0>: Hundredths of Seconds
Note 1:
Contains the BCD Tens and Hundredths of Seconds.
REGISTER 5-2:
SECONDS 0X01
R/W
R/W
R/W
ST
10 Seconds
Seconds
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
ST: Start Oscillator bit
ST is the oscillator Start bit. Setting this bit to ‘1’ starts the oscillator and clearing this bit to ‘0’ stops
the on-board oscillator.
bit 6-4
10 SECONDS<2:0>: 10 Seconds
bit 3-0
SECONDS<3:0>: Seconds
Note 1:
Contains the BCD seconds and 10 seconds. The range is 00 to 59.
REGISTER 5-3:
MINUTES 0X02
U-0
R/W
R/W
—
10 Minutes
Minutes
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 MINUTES<2:0>: 10 Minutes
bit 3-0
MINUTES<3:0>: Minutes
Note 1:
Contains the BCD minutes and 10 minutes. The range is 00 to 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com