Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/SOSQTP Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC18F1220E/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SOSQTP Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC18F1220E/SOSQTP Datasheet HTML 144Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 145Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 146Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 147Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 148Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 149Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 150Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 151Page - Microchip Technology PIC18F1220E/SOSQTP Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 308 page
background image
PIC18F1220/1320
DS39605F-page 146
© 2007 Microchip Technology Inc.
16.3.5
BREAK CHARACTER SEQUENCE
The Enhanced USART module has the capability of
sending the special Break character sequences that
are required by the LIN bus standard. The Break char-
acter transmit consists of a Start bit, followed by twelve
‘0’ bits and a Stop bit. The Frame Break character is
sent whenever the SENDB and TXEN bits (TXSTA<3>
and TXSTA<5>) are set while the Transmit Shift
register is loaded with data. Note that the value of data
written to TXREG will be ignored and all ‘0’s will be
transmitted.
The SENDB bit is automatically reset by hardware after
the corresponding Stop bit is sent. This allows the user
to preload the transmit FIFO with the next transmit byte
following the Break character (typically, the Sync
character in the LIN specification).
Note that the data value written to the TXREG for the
Break character is ignored. The write simply serves the
purpose of initiating the proper sequence.
The TRMT bit indicates when the transmit operation is
active or Idle, just as it does during normal transmis-
sion. See Figure 16-9 for the timing of the Break
character sequence.
16.3.5.1
Transmitting A Break Signal
The Enhanced USART module has the capability of
sending the Break signal that is required by the LIN bus
standard. The Break signal consists of a Start bit,
followed by twelve ‘0’ bits and a Stop bit. The Break sig-
nal is sent whenever the SENDB (TXSTA<3>) and
TXEN (TXSTA<5>) bits are set and TXREG is loaded
with data. The data written to TXREG will be ignored
and all ‘0’s will be transmitted.
SENDB is automatically cleared by hardware when the
Break signal has been sent. This allows the user to
preload the transmit FIFO with the next transmit byte
following the Break character (typically, the Sync
character in the LIN specification).
The TRMT bit indicates when the transmit operation is
active
or
Idle,
just
as
it
does
during
normal
transmission.
To send a Break Signal:
1.
Configure the EUSART for asynchronous trans-
missions (steps 1-5). Initialize the SPBRG register
for the appropriate baud rate. If a high-speed baud
rate is desired, set bit BRGH (see Section 16.2
“EUSART Baud Rate Generator (BRG)”).
2.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
3.
If interrupts are desired, set enable bit TXIE.
4.
If 9-bit transmission is desired, set transmit bit
TX9. Can be used as address/data bit.
5.
Enable the transmission by setting bit TXEN,
which will also set bit TXIF.
6.
Set the SENDB bit.
7.
Load a byte into TXREG. This triggers sending a
Break signal. The Break signal is complete
when TRMT is set. SENDB will also be cleared.
See Figure 16-9 for the timing of the Break signal
sequence.
16.3.6
RECEIVING A BREAK CHARACTER
The Enhanced USART module can receive a Break
character in two ways.
The first method forces configuration of the baud rate
at a frequency of 9/13 the typical speed. This allows for
the Stop bit transition to be at the correct sampling
location (12 bits for Break versus Start bit and 8 data
bits for typical data).
The second method uses the auto-wake-up feature
described in Section 16.3.4 “Auto-Wake-up on Sync
Break Character”. By enabling this feature, the
EUSART will sample the next two transitions on RX/DT,
cause an RCIF interrupt and receive the next data byte
followed by another interrupt.
Note that following a Break character, the user will
typically want to enable the Auto-Baud Rate Detect
feature. For both methods, the user can set the ABD bit
before placing the EUSART in its Sleep mode.
16.3.6.1
Transmitting a Break Sync
The following sequence will send a message frame
header made up of a Break, followed by an auto-baud
Sync byte. This sequence is typical of a LIN bus master.
1.
Configure the EUSART for the desired mode.
2.
Set the TXEN and SENDB bits to set up the
Break character.
3.
Load the TXREG with a dummy character to
initiate transmission (the value is ignored).
4.
Write ‘55h’ to TXREG to load the Sync character
into the transmit FIFO buffer.
5.
After the Break has been sent, the SENDB bit is
reset by hardware. The Sync character now
transmits in the preconfigured mode. When the
TXREG becomes empty, as indicated by the
TXIF, the next data byte can be written to TXREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com