Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 30 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 26Page - Analog Devices AD9920ABBCZRL Datasheet HTML 27Page - Analog Devices AD9920ABBCZRL Datasheet HTML 28Page - Analog Devices AD9920ABBCZRL Datasheet HTML 29Page - Analog Devices AD9920ABBCZRL Datasheet HTML 30Page - Analog Devices AD9920ABBCZRL Datasheet HTML 31Page - Analog Devices AD9920ABBCZRL Datasheet HTML 32Page - Analog Devices AD9920ABBCZRL Datasheet HTML 33Page - Analog Devices AD9920ABBCZRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
AD9920A
Rev. B | Page 30 of 112
HBLK
H1
H2
HBLKSTART
HBLKSTARTA
HBLKEND
HBLKLEN
REPEAT AREA 0
HBLKREP = 2
TO CREATE TWO REPEAT AREAS
HD
REPEAT AREA 1
HBLKSTARTB
HBLKSTARTC
RA0H1REPA RA0H1REPB
RA0H1REPC
ALL RAxHxREPA/B/C REGISTERS = 2 TO CREATE TWO HCLK PULSES
RA1H1RE PA RA1H1REPB
RA1H1REPC
RA0H2REPA RA0H2REPB
RA0H2REPC
RA1H2REPA RA1H2REPB
RA1H2REPC
Figure 38. HBLK Mode 1 Operation
As shown in Figure 38, setting the RAxH1REPA/B/C or
RAxH2REPA/B/C register to 0 masks HCLK groups from
appearing in a particular repeat area. Figure 37 shows only two
repeat areas being used, although six are available. It is possible
to program a separate number of repeat area repetitions for H1
and H2, but generally the same value is used for both H1 and
H2. Figure 37 shows an example of RA0H1REPA/B/C =
RA0H2REPA/B/C = RA1H1REPA/B/C = RA1H2REPA/B/C = 2.
Furthermore, HBLK Mode 1 allows a different HBLK pattern on
even and odd lines. The HBLKSTARTA/B/C registers, as well as
the RAxH1REPA/B/C and RAxH2REPA/B/C registers, define
operation for the even lines. For separate control of the odd lines,
the HBLKALT_PAT registers specify up to six repeat areas on
the odd lines by reordering the repeat areas used for the even
lines. New patterns are not available, but the order of the pre-
viously defined repeat areas on the even lines can be changed
for the odd lines to accommodate advanced CCD operation.
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 39 shows an example CCD layout. The horizontal register
contains 28 dummy pixels that occur on each line clocked from
the CCD. In the vertical direction, there are 10 optical black
(OB) lines at the front of the readout and two at the back of the
readout. The horizontal direction has four OB pixels in the
front and 48 OB pixels in the back.
Figure 40 shows the basic sequence to be used during the
effective pixel readout. The 48 OB pixels at the end of each line
are used for the CLPOB signals. PBLK is optional and is often
used to blank the digital outputs during the HBLK time. HBLK
is used during the vertical shift interval.
Because PBLK is used to isolate the CDS input (see the Analog
Preblanking section), the PBLK signal should not be used
during CLPOB operation. The change in the offset behavior
that occurs during PBLK affects the accuracy of the CLPOB
circuitry.
The HBLK, CLPOB, and PBLK parameters are programmed
in the V-sequence registers. More elaborate clamping schemes,
such as adding a separate sequence to clamp in the entire shield
OB lines, can be used. This requires configuring a separate
V-sequence for clocking out the OB lines.
The CLPMASK registers are also useful for disabling the CLPOB
on a few lines without affecting the setup of the clamping
sequences. It is important that CLPOB be used only during
valid OB pixels. During other portions on the frame timing,
such as vertical blanking or SG line timing, the CCD does not
output valid OB pixels. Any CLPOB pulse that occurs during
this time causes errors in clamping operation and changes in
the black level of the image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com