Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 41 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 37Page - Analog Devices AD9920ABBCZRL Datasheet HTML 38Page - Analog Devices AD9920ABBCZRL Datasheet HTML 39Page - Analog Devices AD9920ABBCZRL Datasheet HTML 40Page - Analog Devices AD9920ABBCZRL Datasheet HTML 41Page - Analog Devices AD9920ABBCZRL Datasheet HTML 42Page - Analog Devices AD9920ABBCZRL Datasheet HTML 43Page - Analog Devices AD9920ABBCZRL Datasheet HTML 44Page - Analog Devices AD9920ABBCZRL Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
AD9920A
Rev. B | Page 41 of 112
Vertical Masking Using the FREEZE/RESUME Registers
As shown in Figure 51 and Figure 52, the FREEZE/RESUME
registers are used to temporarily mask the V-outputs. The pixel
locations to begin the masking (FREEZE) and end the masking
(RESUME) create an area in which the vertical toggle positions
are ignored. At the pixel location specified in the FREEZE register,
the V-outputs are held static at their current dc state, high or low.
The V-outputs are held until the pixel location specified by the
RESUME register is reached, at which point the signals continue
with any remaining toggle positions, if any exist.
Four sets of FREEZE/RESUME registers are provided, allowing
the vertical outputs to be interrupted up to four times in the
same line.
When masking is enabled, each group (Group A, Group B,
Group C, and Group D) uses the same FREEZE/RESUME
positions.
Note that the FREEZE/RESUME registers are also used as the
VALTSEL0 and VALTSEL1 registers during special vertical
alternation mode (see the Special Vertical Sequence Alternation
(SVSA) Mode section).
XV1
XV24
HD
NO MASKING AREA
Figure 51. No FREEZE/RESUME
XV1
XV24
HD
V-MASKING AREA
FREEZE
RESUME
NOTES
1. ALL TOGGLE POSITIONS WITHIN THE FREEZE/RESUME MASKING AREA ARE IGNORED. H-COUNTER CONTINUES TO COUNT DURING MASKING.
2. FOUR SEPARATE MASKING AREAS ARE AVAILABLE, USING FREEZE1/RESUME1, FREEZE2/RESUME2, FREEZE3/RESUME3, AND
FREEZE4/RESUME4 REGISTERS.
Figure 52. Using FREEZE/RESUME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com