| Electronic Components Datasheet Search |
|
AD9920ABBCZRL Datasheet(PDF) 95 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZRL Datasheet(HTML) 95 Page - Analog Devices |
|
95 / 112 page ![]() AD9920A Rev. B | Page 95 of 112 UPDATING NEW REGISTER VALUES The AD9920A internal registers are updated at different times, depending on the particular register. Table 51 summarizes the four register update types: SCK, VD, SG line, and SCP. Tables in the Complete Register Listing section contain an update type column that identifies when each register is updated. Table 51. Register Update Locations Update Type Description SCK When the 28th data bit (D27) is clocked in, the register is immediately updated. VD Register is updated at the next VD falling edge. VD-updated registers can be delayed further by using the update register at Address 0x17. Field registers are not affected by the update register. SG Line Register is updated at the HD falling edge at the start of the SG active line. SCP Register is updated at the next SCP when the register is used. SCK-Updated Registers As soon as the 28th data bit (D27) is clocked in, some registers are immediately updated. These registers are used for functions that do not require gating with the next VD boundary, such as power-up and reset functions. VD-Updated Registers More registers are updated at the next VD falling edge. By updating these values at the next VD edge, the current field is not corrupted, and the new register values are applied to the next field. The VD update can be further delayed past the VD falling edge by using the update register (Address 0x17). This delays the VD-updated register updates to any HD line in the field. Note that the field registers are not affected by the update register. SG Line-Updated Registers A few of the shutter registers are updated at the HD falling edge at the start of the SG active line. These registers control the SUBCK signal so that the SUBCK output is not updated until the SG line occurs. SCP-Updated Registers At the next SCP where they are used, the V-pattern group and V-sequence registers are updated. For example, in Figure 117 this field has selected Region 1 to use VSEQ3 for the vertical outputs. This means that a write to any of the VSEQ3 registers or to any of the V-pattern group registers that are referenced by VSEQ3, updates at SCP1. If multiple writes are done to the same register, the last one done before SCP1 is the one that is updated. Likewise, register writes to any VSEQ5 registers are updated at SCP2, and register writes to any VSEQ8 registers are updated at SCP3. Caution It is recommended that the registers in the configurable address area not be written within 36 pixels of any HD falling edge where a sequence change position (SCP) occurs. See Figure 107 for an example of what this inhibit area looks like in master and slave modes. This restriction applies to the V-pattern, V-sequence, and field registers. As shown in Figure 117, writing to these registers before the VD falling edge typically avoids loading these registers during SCP locations. VD REGION 0 HD SCP1 SCP2 SCP3 REGION 1 REGION 2 REGION 3 VSG SGLINE SCP0 SERIAL WRITE SCK UPDATED SCP0 VD UPDATED SG UPDATED SCP UPDATED XV1 TO XV24 USE VSEQ2 USE VSEQ3 USE VSEQ5 USE VSEQ8 Figure 117. Register Update Locations (See Table 51 for Definitions) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |