| Electronic Components Datasheet Search |
|
AD9920ABBCZRL Datasheet(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZRL Datasheet(HTML) 37 Page - Analog Devices |
|
37 / 112 page ![]() AD9920A Rev. B | Page 37 of 112 XV1 XV8 HD XV9 XV10 XV1 TO XV8 USE V-PATTERN GROUP A XV9, XV10 USE V-PATTERN GROUP B Figure 44. Using Separate Group A and Group B Patterns XV1 XV24 HD V-PATTERN GROUP A V-PATTERN GROUP B V-PATTERN GROUP C V-PATTERN GROUP D Figure 45. Combining Multiple V-Patterns Using CONCAT_GRP = 1 XV1 XV10 HD V-PATTERN GROUP A V-PATTERN GROUP B GROUP A REP 1 GROUP A REP 2 GROUP A REP 3 Figure 46. Combining Group A and Group B Patterns with Repetition Group A/Group B/Group C/Group D Selection If additional flexibility is needed, some outputs can be set to Group B, Group C, or Group D in the GROUPSEL registers. In this case, those selected outputs use the V-pattern group specified by the VPATSELB, VPATSELC, or VPATSELD registers. Figure 44 shows an example where the V9 and V10 outputs use a separate V-pattern Group B to perform special CCD timing. The AD9920A has the flexibility to use four different V-pattern groups in a vertical sequence. In general, the vertical outputs use the same V-pattern group during a particular sequence. It is possible to assign some of the outputs to a different V-pattern group, which can be useful in certain CCD readout modes. Another application of the Group A, Group B, Group C, and Group D registers is to combine up to four different V-pattern groups together for more complex patterns. This is accom- plished by setting the CONCAT_GRP register (Address 0x00, Bits[13:10]) equal to 0x01. This setting combines the toggle positions from the V-pattern groups specified by registers VPATSELA, VPATSELB, VPATSELC, and VPATSELD for a maximum of up to 16 toggle positions. Example timing for the CONCAT_GRP = 1 feature is shown in Figure 45. The GROUPSEL registers are used to select the group (A, B, C, or D) for each V-output. In general, only a single V-pattern group is needed for the vertical outputs; therefore, Group A should be selected for all outputs by default (GROUPSEL_0, GROUPSEL_1 = 0x00). In this configuration, all outputs use the V-pattern group specified by the VPATSELA register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |