Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 49 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 45Page - Analog Devices AD9920ABBCZRL Datasheet HTML 46Page - Analog Devices AD9920ABBCZRL Datasheet HTML 47Page - Analog Devices AD9920ABBCZRL Datasheet HTML 48Page - Analog Devices AD9920ABBCZRL Datasheet HTML 49Page - Analog Devices AD9920ABBCZRL Datasheet HTML 50Page - Analog Devices AD9920ABBCZRL Datasheet HTML 51Page - Analog Devices AD9920ABBCZRL Datasheet HTML 52Page - Analog Devices AD9920ABBCZRL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
AD9920A
Rev. B | Page 49 of 112
Mode Registers
The mode registers are used to select the field timing of the
AD9920A. Typically, all of the field, V-sequence, and V-pattern
information is programmed into the AD9920A at startup. During
operation, the mode registers allow the user to select any combi-
nation of field timing to meet the requirements of the system.
The advantage of using the mode registers in conjunction with
preprogrammed timing is that it greatly reduces the system pro-
gramming requirements during camera operation. Only a few
register writes are required when the camera operating mode is
changed; the vertical timing information does not need to be
changed with each camera mode change.
A basic still camera application can require six fields of vertical
timing—one for draft mode operation, one for autofocusing,
and four for still image readout. All of the register timing informa-
tion for the six fields is loaded at startup. Then, during camera
operation, the mode registers select which field timing is active,
depending on how the camera is being used.
Table 22 shows how the mode registers are used. The mode
register (Address 0x2A) specifies how many total fields are used.
Any value from 1 to 7 can be selected using these three bits.
The other two registers (Address 0x2B and Address 0x2C) are
used to select which of the programmed fields are used and in
which order. Up to seven fields can be used in a single write to
the mode register. The AD9920A starts with the field timing
specified by FIELD1, and on the next VD switches to the timing
specified by FIELD2, and so on. After completing the total
number of fields specified by the mode register, the AD9920A
repeats by starting at the first field. This continues until a new
write to the mode register occurs. Figure 61 shows example
mode register settings for different field configurations.
Note that only a write to Address 0x2C properly resets the field
counter. Therefore, when changing the values in any of the mode
registers, it is recommended that all three registers be updated
together in the same field (VD period).
Caution
The mode registers are SCK updated by default. If they are
configured as VD-updated registers by writing Address 0xB4 =
0x03FF and Address 0xB5 = 0xFC00, the new mode informa-
tion is updated on the second VD falling edge after the write
occurs, rather than on the first VD falling edge. See Figure 63
for an example.
Table 22. Mode Registers
Address
Name
Length (Bits)
Description
0x2A
MODE
3
Total number of fields to cycle through. Set from 1 to 7.
0x2B
FIELD1
5
Selected field (from FIELD registers in configurable memory) for the first field to cycle through.
FIELD2
5
Selected field (from FIELD registers in configurable memory) for the second field to cycle through.
FIELD3
5
Selected field (from FIELD registers in configurable memory) for the third field to cycle through.
FIELD4
5
Selected field (from FIELD registers in configurable memory) for the fourth field to cycle through.
FIELD5
5
Selected field (from FIELD registers in configurable memory) for the fifth field to cycle through.
0x2C
FIELD6
5
Selected field (from FIELD registers in configurable memory) for the sixth field to cycle through.
FIELD7
5
Selected field (from FIELD registers in configurable memory) for the seventh field to cycle through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com