Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 19 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 15Page - Analog Devices AD9920ABBCZRL Datasheet HTML 16Page - Analog Devices AD9920ABBCZRL Datasheet HTML 17Page - Analog Devices AD9920ABBCZRL Datasheet HTML 18Page - Analog Devices AD9920ABBCZRL Datasheet HTML 19Page - Analog Devices AD9920ABBCZRL Datasheet HTML 20Page - Analog Devices AD9920ABBCZRL Datasheet HTML 21Page - Analog Devices AD9920ABBCZRL Datasheet HTML 22Page - Analog Devices AD9920ABBCZRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
AD9920A
Rev. B | Page 19 of 112
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9920A
features on-chip output drivers for the RG, HL, and H1 to H8
outputs. These drivers are powerful enough to drive the CCD
inputs directly. The H-driver and RG current can be adjusted for
optimum rise/fall time for a particular load by using the drive
strength control registers (Address 0x36 and Address 0x37). The
3-bit drive setting for each H1 to H8 output is adjustable in
4.3 mA increments: 0 = off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.3 mA, 5 = 21.6 mA, 6 = 25.9 mA, and 7 = 30.2 mA.
The 3-bit drive settings for the HL and RG outputs are also
adjustable in 4.3 mA increments, but with a maximum drive
strength of 17.3 mA: 0 = off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 4.3 mA, 5 = 8.6 mA, 6 = 12.9 mA, and 7 = 17.3 mA.
As shown in Figure 19, when HCLK Mode 1 is used, the H2,
H4, H6, and H8 outputs are inverses of the H1, H3, H5, and H7
outputs. Using the HCLKMODE register (Address 0x24,
Bits[4:0]), it is possible to select a different configuration.
Table 10 shows a comparison of the different programmable
settings for each HCLK mode. Figure 20 and Figure 21 show the
settings for HCLK Mode 2 and HCLK Mode 3, respectively.
It is recommended that all H1 to H8 outputs on the AD9920A be
used together for maximum flexibility in drive strength settings.
A typical CCD with H1 and H2 inputs should have only the
AD9920A H1, H3, H5, and H7 outputs connected together to
drive the CCD H1 and should have only the AD9920A H2, H4,
H6, and H8 outputs connected together to drive the CCD H2.
In 3-phase HCLK mode, only six of the HCLK outputs are used,
with two outputs driving each of the three phases:
•
H1 and H2 are connected to CCD Phase 1.
•
H5 and H6 are connected to CCD Phase 2.
•
H7 and H8 are connected to CCD Phase 3.
Table 9. Timing Core Register Parameters for H1, H2, HL, RG, SHP, and SHD
Parameter
Length (Bits)
Range
Description
Positive Edge
6
0 to 63 edge location
Positive edge location for H1, H2, HL, H3P1, and RG.
Negative Edge
6
0 to 63 edge location
Negative edge location for H1, H2, HL, H3P1, and RG.
Sampling Location
6
0 to 63 edge location
Sampling location for internal SHP and SHD signals.
Drive Strength
3
0 to 7 current steps
Drive current for H1 to H8, HL, and RG outputs (4.3 mA per step).
Table 10. HCLK Modes, Selected by Address 0x24, Bits[4:0]
HCLKMODE
Register Value
Description
Mode 1
0x01
H1 edges are programmable with H3 = H5 = H7 = H1, H2 = H4 = H6 = H8 = inverse of H1.
Mode 2
0x02
H1 edges are programmable with H3 = H5 = H7 = H1.
H2 edges are programmable with H4 = H6 = H8 = H2.
Mode 3
0x04
H1 edges are programmable with H3 = H1 and H2 = H4 = inverse of H1.
H5 edges are programmable with H7 = H5 and H6 = H8 = inverse of H5.
3-Phase Mode
0x10
H1 edges are programmable using Address 0x33 and H2 = H1 (Phase 1).
H5 edges are programmable using Address 0x31 and H6 = H5 (Phase 2).
H7 edges are programmable using Address 0x30 and H8 = H7 (Phase 3).
Invalid Selection
All other values
Invalid register settings. Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com