Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 96 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 92Page - Analog Devices AD9920ABBCZRL Datasheet HTML 93Page - Analog Devices AD9920ABBCZRL Datasheet HTML 94Page - Analog Devices AD9920ABBCZRL Datasheet HTML 95Page - Analog Devices AD9920ABBCZRL Datasheet HTML 96Page - Analog Devices AD9920ABBCZRL Datasheet HTML 97Page - Analog Devices AD9920ABBCZRL Datasheet HTML 98Page - Analog Devices AD9920ABBCZRL Datasheet HTML 99Page - Analog Devices AD9920ABBCZRL Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
AD9920A
Rev. B | Page 96 of 112
COMPLETE REGISTER LISTING
When an address contains fewer than 28 data bits, all remaining bits must be written as 0s.
Table 52. AFE Registers
Address
Data
Bits
Default
Value
Default
Update
Type
Name
Description
0x00
[1:0]
0x03
SCK
STANDBY
Standby modes.
0 = normal operation (full power).
1 = Standby1 mode.
2 = Standby2 mode.
3 = Standby3 mode (lowest power).
[2]
0x01
CLPENABLE
0 = disable OB clamp.
1 = enable OB clamp.
[3]
0
CLPSPEED
0 = select normal OB clamp settling.
1 = select fast OB clamp settling.
[4]
0
FASTUPDATE
0 = ignore CDS gain.
1 = very fast clamping when CDS gain is updated.
[5]
0
PBLK_LVL
0 = blank data outputs to 0 during PBLK.
1 = blank data outputs to programmed clamp level during PBLK.
[6]
0
DCBYP
0 = enable input dc restore circuit during PBLK.
1 = disable input dc restore circuit during PBLK.
0x01
[0]
0
SCK
DOUTDISABLE
0 = data outputs are driven.
1 = data outputs are three-stated.
[1]
0
DOUTLATCH
0 = latch data outputs using DOUTPHASE register setting.
1 = output latch is transparent.
[2]
0
GRAYEN
1 = enable gray coding of digital data output.
[3]
0
Test
Set to 0.
0x02
[0]
0
VD
Test
Do not access, or set to 0.
0x03
[23:0]
0xFFFFFF
VD
Test
Do not access, or set to 0xFFFFFF.
0x04
[2:0]
0
VD
CDSGAIN
CDS gain setting.
0 = −3 dB.
4 = 0 dB.
6 = +3 dB.
7 = +6 dB.
All other values are invalid.
0x05
[9:0]
0x0F
VD
VGAGAIN
VGA gain. 6 dB to 42 dB (0.035 dB per step).
0x06
[9:0]
0x1EC
VD
CLAMPLEVEL
Optical black clamp level. 0 LSB to 255 LSB (0.25 LSB per step).
0x07
[27:0]
0
VD
Test
Do not access, or set to 0.
0x08
[27:0]
0
VD
Test
Do not access, or set to 0.
0x09
[27:0]
0
VD
Test
Do not access, or set to 0.
0x0A
[27:0]
0
VD
Test
Do not access, or set to 0.
0x0B
[27:0]
0
SCK
UNUSED
Do not access, or set to 0.
0x0C
[27:0]
0
SCK
Test
Do not access, or set to 0.
0x0D
[0]
0
VD
CLIDIVIDE
0 = do not divide CLI frequency.
1 = divide CLI frequency by 2.
[7:1]
0
Test
Do not access, or set to 0.
0x0E
[7:0]
0
SCK
Test
Set to 0.
[8]
0
VDHD_IE
VD/HD input enable. Set to 1 to enable VD/HD inputs for slave mode.
0x0F
[27:0]
0
VD
Test
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com