Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9920ABBCZRL Datasheet(PDF) 48 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 44Page - Analog Devices AD9920ABBCZRL Datasheet HTML 45Page - Analog Devices AD9920ABBCZRL Datasheet HTML 46Page - Analog Devices AD9920ABBCZRL Datasheet HTML 47Page - Analog Devices AD9920ABBCZRL Datasheet HTML 48Page - Analog Devices AD9920ABBCZRL Datasheet HTML 49Page - Analog Devices AD9920ABBCZRL Datasheet HTML 50Page - Analog Devices AD9920ABBCZRL Datasheet HTML 51Page - Analog Devices AD9920ABBCZRL Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
AD9920A
Rev. B | Page 48 of 112
Vertical Sensor Gate (Shift Gate) Patterns
In an interline CCD, the vertical sensor gate (VSG) pulses are
used to transfer the pixel charges from the light-sensitive image
area into light-shielded vertical registers. From the light-shielded
vertical registers, the image is clocked out line-by-line using the
vertical transfer pulses (XV signals) in conjunction with the high
speed horizontal clocks. The AD9920A has 24 vertical signals,
and each signal can be assigned as a VSG pulse instead of as an
XV pulse.
Table 21 summarizes the VSG control registers, which are
mainly located in the field register space (see Table 19). The
VSGSELECT register (Address 0x1C in the fixed address space)
determines which vertical outputs are assigned as VSG pulses.
When a signal is selected to be a VSG pulse, only the starting
polarity and two of the V-pattern toggle positions are used. The
VSGPATSEL register in the V-sequence registers is used to assign
either TOG1 and TOG2 or TOG3 and TOG4 to the VSG signal.
Note that only two of the four V-pattern toggle positions are
available when a vertical signal is selected to be a VSG pulse.
The SGACTLINE1 and SGACTLINE2 registers are used to
select which line in the field is the VSG line. The VSG active
line location is used to reference when the substrate clocking
(SUBCK) signal begins to operate in each field. For more infor-
mation, see the Substrate Clock Operation (SUBCK) section.
Also located in the field registers, the SGMASK register selects
which individual VSG pulses are active in a given field. Therefore,
all SG patterns to be preprogrammed into the V-pattern registers
and the appropriate pulses for the different fields can be enabled
separately.
The AD9920A is an integrated AFETG and V-driver, so the
connections between the AFETG and V-driver are fixed, as
shown in Figure 65 and Figure 66. The VSGSELECT register
must be programmed to 0xFF8000.
Table 21. VSG Control Registers (also see Field Registers in Table 19)
Register
Length (Bits)
Range
Description
VSGSELECT
(Located in Fixed
Address Space, 0x1C)
24
High/low
Selection of VSG signals from XV signals. Set to 1 to make signal a VSG.
The recommended setting for this register is 0xFF8000.
Bit 0: XV1 selection (0 = XV pulse; 1 = VSG pulse).
Bit 1: XV2 selection.
Bit 23: XV24 selection.
VSGPATSEL
24
High/low
When VSG signal is selected using the VSGSELECT register, VSGPATSEL
selects which V-pattern toggle positions are used. When this register is
set to 0, Toggle 1 and Toggle 2 are used. When this register is set to 1,
Toggle 3 and Toggle 4 are used.
Bit 0: XV1 selection (0 = use TOG1, TOG2; 1 = use TOG3, TOG4).
Bit 1: XV2 selection.
Bit 23: XV24 selection.
SGMASK
24
High/low, each VSG
Set high to mask each individual VSG output.
Bit 0: XV1 mask.
Bit 23: XV24 mask.
SGACTLINE1
13
0 to 8191 line number
Selects the line in the field where the VSG signals are active.
SGACTLINE2
13
0 to 8191 line number
Selects a second line in the field to repeat the VSG signals. If this register
is not used, set it equal in value to SGACTLINE1 or to the maximum value.
VD
HD
VSG PATTERN
4
12
3
PROGRAMMABLE SETTINGS FOR EACH PATTERN:
1START POLARITY OF PULSE (FROM VPOL IN SEQUENCE REGISTERS).
2FIRST TOGGLE POSITION (FROM V-PATTERN REGISTERS).
3SECOND TOGGLE POSITION (FROM V-PATTERN REGISTERS).
4ACTIVE LINE FOR VSG PULSES WITHIN THE FIELD (FROM FIELD REGISTERS).
Figure 60. Vertical Sensor Gate Pulse Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com