| Electronic Components Datasheet Search |
|
IA82510-PDW28I-R-01 Datasheet(PDF) 22 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82510-PDW28I-R-01 Datasheet(HTML) 22 Page - InnovASIC, Inc |
|
22 / 25 page ![]() IA82510 Data Sheet Asynchronous Serial Controller February 25, 2011 IA211001219-05 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 22 of 25 1-888-824-4184 ® Errata No. 11 Problem: In semi-automatic/uLAN mode, the RX FIFO is only opened when an address character matches the ACR1 or ACR0 registers (like full auto mode). Description: In semi-auto mode, the RX FIFO should open on any address character. Workaround: None. Errata No. 12 Problem: Device fails to reset interrupt signal in auto acknowledge mode when character is read from RX FIFO. Description: RD strobe is outside the CS enable, which is outside of the Intel datasheet, but apparently still works in the Intel device. Such a bus cycle allows the read data out, but fails to generate the necessary internal strobe to change pointers. The same problem is found on write accesses. Workaround: Force bus interface to bracket RD strobe inside the CS enable. Errata No. 13 Problem: RX FIFO locks up unexpectedly just after configuration and before starting reception. Description: An RCM command is executed with data of xB8. This is an “enable RX”, “flush RX machine”, “flush RX FIFO”, and “lock RX FIFO” command done in a single instruction. The “flush RX machine” should unlock the RX FIFO, creating a conflict with the simultaneous “lock RX FIFO” command. The original Intel device apparently ignores or gives the “lock RX FIFO” command lower priority in this case. The IA82510 has this priority reversed. Apparently, the application software in this case expected the “lock RX FIFO” command to fail. Workaround: Do not execute a “flush RX FIFO” and “lock RX FIFO” command simultaneously. Break up into separate RCM commands. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |