Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82510-PDW28I-R-01 Datasheet(PDF) 18 Page - InnovASIC, Inc

Part # IA82510-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510-PDW28I-R-01 Datasheet(HTML) 18 Page - InnovASIC, Inc

Back Button IA82510-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 17Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 18Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 19Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 20Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 21Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 22Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 18 of 25
1-888-824-4184
®
7.
Errata
The following errata are known problems with the IA82510. This is inclusive of all package types
and environment grades. A workaround to the identified problem has been provided where
possible. All errata listed in production Version 00 have been fixed in Version 01 of the device
unless otherwise noted. Version 02 is the result of a migration to a new fab process to ensure
long-term supply. It retains the same functionality and errata as the Version 01 device.
7.1
Summary
Table 8 presents a summary of errata.
Table 8. Summary of Errata
Errata
No.
Problem
Ver. 00
Ver. 01
Ver. 02
1
Scrambled data during boot code shuts down UART, however
device works for application code.
Exists
Fixed
Fixed
2
Device does not operate at 8 MHz in divide-by-one mode.
Exists
Fixed
Fixed
3
Setting CLCF to x30, which effectively generates the TX clock
from the incoming SCLK signal, kills all transmits.
Exists
Fixed
Fixed
4
Receiving streamed data has many framing errors and corrupt
data when connected to some modems.
Exists
Fixed
Fixed
5
Transmission of streamed data does not return interrupt.
Exists
Fixed
Fixed
6
Receiving streamed data has many framing errors at fast baud
rates (divisor=6) through bad modem lines.
Exists
Fixed
Fixed
7
Difficulty starting oscillator with crystal.
Exists
Fixed
Fixed
8
Intermittent and temperature sensitive crystal oscillator
operation when cycling power.
Exists
Fixed
Fixed
9
Auto-acknowledge of interrupts via writing of LSR does not
work.
Exists
Fixed
Fixed
10
ICM Status Clear command does not clear LSR/RST overrun
error.
Exists
Fixed
Fixed
11
In semi-automatic/uLAN mode, the RX FIFO is only opened
when an address character matches the ACR1 or ACR0
registers (like full auto mode).
Exists
Fixed
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com