Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82510-PDW28I-R-01 Datasheet(PDF) 19 Page - InnovASIC, Inc

Part # IA82510-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510-PDW28I-R-01 Datasheet(HTML) 19 Page - InnovASIC, Inc

Back Button IA82510-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 17Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 18Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 19Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 20Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 21Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 22Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 23Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 19 of 25
1-888-824-4184
®
Table 7. Summary of Errata (Continued)
Errata
No.
Problem
Ver. 00
Ver. 01
Ver. 02
12
Device fails to reset interrupt signal in auto acknowledge mode
when character is read from RX FIFO.
Exists
Fixed
Fixed
13
RX FIFO locks up unexpectedly just after configuration and
before starting reception.
NA
Exists
Exists
14
Unreliable transmits in AUTO TX mode.
NA
Exists
Exists
7.2
Detail
Errata No. 1
Problem:
Scrambled data during boot code shuts down UART, however device works for
application code.
Description:
The RX FIFO is locked, configuration of all registers is done, then the RX FIFO is
unlocked just before entering loopback mode in both boot and application code before normal
operations begin. Boot code additionally does a blind block read of all registers before normal
operations including two reads from the unwritten RX Data FIFO. RX unlock command is
inadvertently incrementing the write pointer. For boot code, the two reads of RX data cause the
read/write pointers to be permanently out of sync. For application code, the pointers end up
synched to the same location, only because the code waits for four characters before reading. This
ends up causing an RX overrun, but to our favor because the pointers are now synched.
Workaround:
Execute a “Flush RX FIFO” command (via RCM register) after configuration and
block read is complete.
Errata No. 2
Problem:
Device does not operate at 8 MHz in divide-by-one mode.
Description:
System testing revealed this operational deficiency.
Workaround:
Switch to divide-by-two mode using 2X clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com