Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82510-PDW28I-R-01 Datasheet(PDF) 14 Page - InnovASIC, Inc

Part # IA82510-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510-PDW28I-R-01 Datasheet(HTML) 14 Page - InnovASIC, Inc

Back Button IA82510-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 17Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 18Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 14 of 25
1-888-824-4184
®
Table 5. DC Parameters
Symbol
Parameter
Notes
Min
Max
Unit
VIL
Input Low Voltage
(1)
-0.5
0.3
V
VIH1
Input High Voltage-Cerdip
(1)
2.1
VDD+.3
V
VIH2
Input High Voltage-LCC
(2)
2.1
VDD+.3
V
VOL
Output Low Voltage
(2),(8)
0.4
V
VOH
Output High Voltage
(3),(8)
2.4
V
ILI
Input Leakage Current
(4)
1
A
ILO
3-State Leakage Current
(5)
10
A
ICC
Power Supply Current
(6)
1.12
mA/MHz
IPU
Strapping Pullup Resistor
(12)
-28.3
-137
A
ISTBY
Standby Supply Current
(9)
100
A
IOHR
RTSn, DTRn Strapping Current
(10)
1.92
mA
IOLR
RTSn, DTRn Strapping Current
(11)
N/A
mA
CIN
Input Capacitance
(7)
5
pF
CIO
I/O Capacitance
(7)
6
pF
CXTAL
X1, X2 Load
6
pF
Notes:
1.
Does not apply to CLK/X1 pin, when configured as crystal oscillator input (X1).
2.
@IOL = 1.92 mA.
3.
@IOH = 1.92 mA.
4.
0< VIN <VCC.
5.
0.4V < VOUT < VCC – 0.4V.
6.
VDD = 5.5V, VIL = 0.7V (max), VIH = VDD – 0.7V (min), Typ. Val = 1.12 mA/MHz (Not Tested), Ext. 1X
CLK, IOL = IOH = 0.
7.
Freq. = 1 MHz.
8.
Does not apply to OUT2/X2 pin, when configured as crystal oscillator output (X2).
9.
Freq. = 1 MHz, but input clock not running. Static IDD current is exclusive of input/output drive
requirements and is measured with the clocks stopped and all inputs tied to VDD or VSS, configured
to draw minimum current.
10. Applies only during hardware reset for clock configuration options. Strapping current for logic HIGH.
11. Applies only during hardware reset for clock configuration options. Strapping current for logic LOW.
12. Inputs (RTSn, DTRn, TB) with Pullups tested @ Vin = 0.0V, VDD = 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com