Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82510-PDW28I-R-01 Datasheet(PDF) 12 Page - InnovASIC, Inc

Part # IA82510-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510-PDW28I-R-01 Datasheet(HTML) 12 Page - InnovASIC, Inc

Back Button IA82510-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 11Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 12Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 13Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 14Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 15Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 16Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 12 of 25
1-888-824-4184
®
Table 2. Register Summary (Continued)
Register
ADDR
Bank
DLAB
Mode
Default
RST
101
01
X
R
00000000
RXDATA
000
00
01
0
X
R
Unknown
RXF
001
01
X
R
Unknown
TCM
110
01
X
W
N/A
TMCR
011
01
X
W
N/A
TMD
011
10
X
R/W
00000000
TMIE
110
11
X
R/W
00000000
TMST
011
01
X
R
00110000
TXDATA
000
00
01
0
X
W
N/A
TXF
001
01
X
W
N/A
4.
Maximum Ratings and AC/DC Parameters
Stresses beyond those listed in Table 2 may cause permanent damage to the device. Operating the
device beyond the conditions indicated in the “recommended operating conditions” section is not
recommended. Operation at the “absolute maximum ratings” may adversely affect device
reliability.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage, VDD
-0.3V to +6.0V
Input Voltage, VIN
-0.3V to VDD +0.3V
Input Pin Current, IIN
±10 mA, 25 C
Operating Temperature Range
-40 C to +85°C
Ambient temperature under bias
-40°C to +85°C *
Storage temperature
-55°C to +150°C
Lead Temperature
+300°C, 10 sec.
Power dissipation
155 mW, 125°C, 25MHz, 15% Toggle
* The input and output parametric values are directly related to ambient temperature and DC supply
voltage. A temperature or supply voltage range other than those specified in the Operating Conditions
above will affect these values and part performance is not guaranteed by Innovasic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com