Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IA82510-PDW28I-R-01 Datasheet(PDF) 6 Page - InnovASIC, Inc

Part # IA82510-PDW28I-R-01
Description  Asynchronous Serial Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510-PDW28I-R-01 Datasheet(HTML) 6 Page - InnovASIC, Inc

Back Button IA82510-PDW28I-R-01 Datasheet HTML 2Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 3Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 4Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 5Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 6Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 7Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 8Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 9Page - InnovASIC, Inc IA82510-PDW28I-R-01 Datasheet HTML 10Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IA82510
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211001219-05
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 6 of 25
1-888-824-4184
®
1.
Features
Form, Fit, and Function Compatible with the Intel 82510
Packaging options available: 28-Pin Plastic (PDIP) or, 28-Lead Plastic Leaded Chip
Carrier (PLCC), Leaded or RoHS packages available (see Figure 1, Package Pinout)
Asynchronous Serial Channel Operation
Separate Transmit and Receive FIFOs with Programmable Threshold
Programmable Baud Rate Generators up to 288K Baud
Special Protocol Features
– Control Character Recognition
– Auto Echo and Loopback Modes
– 9-Bit Protocol Support
– 5 to 9 Bit Character Format
The IA82510 is a "plug-and-play" drop-in replacement for the original IC. Innovasic produces
replacement ICs using its MILES™, or Managed IC Lifetime Extension System, cloning
technology. This technology produces replacement ICs far more complex than "emulation" while
ensuring they are compatible with the original IC. MILES™ captures the design of a clone so it
can be produced even as silicon technology advances. MILES™ also verifies the clone against
the original IC so that even the "undocumented features" are duplicated. This data sheet
documents all necessary engineering information about the IA82510 including functional and I/O
descriptions, electrical characteristics, and applicable timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com