Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDC21D301A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
12
GDC21D301A
4. Block Diagram
The figure 2 shows the internal block diagram of
the GDC21D301A. This chip receives the byte-
parallel/bit-serial
transport
data
from
FEC(Forward-Error-Correction) device, and stores
the whole data into DRAM. After decoding the
transport data in DRAM, it de-multiplexes audio,
video, and auxiliary data packets, and transfers
them into the corresponding decoder devices
through the decoder interface blocks. The host
processor can control the GDC21D301A and
access the decoder devices and DRAM through the
host interface. The GDC21D301A generates PWM
pulses to control the frequency of system clock and
audio clock. The pulse width of PWM can be
programmed by the host processor.
FEC
Interface
TS Buffer
Sync
Detect
TS Header
Decode
Adaptation
Field
Decode
PES
Decode
PID
Memory
Buffer
Memory
Controller
4Mb
DRAM
High-speed
Interface
External
Decoder
Interface
Clock
Control
Host
Interface
VCXO
Transport
Stream
8/16bit
MCU
8/16bit
MCU
FEC
Decoder
Figure 2. The Block Diagram of the Transport Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com