Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDC21D301A Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 20Page - Hynix Semiconductor GDC21D301A Datasheet HTML 21Page - Hynix Semiconductor GDC21D301A Datasheet HTML 22Page - Hynix Semiconductor GDC21D301A Datasheet HTML 23Page - Hynix Semiconductor GDC21D301A Datasheet HTML 24Page - Hynix Semiconductor GDC21D301A Datasheet HTML 25Page - Hynix Semiconductor GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
25
GDC21D301A
PID Registers (0x400 ~ 0x47e)
These registers should be written with certain
values during initialization phase, because the
values are undefined at first. Video, audio, and
auxiliary packet will be respectively transferred to
VAD_DATA port with VID_STRB, AUD_STRB,
and DATA_STRB signal in case Hig bit in the
register is ‘0’(i.e. High Speed Port has the highest
priority. This is equally applied to other packets.).
Other data will be transferred to the corresponding
buffer in DRAM.
Vid PID Register (0x400, 0x402)
These registers should be written with certain
values during initialization phase, because the
values are undefined at first. For correct processing,
Dst should be written to ‘0’.
Field
Bits
Description
Values
Default
Den
15
PID enable
1 = PID matching enabled
Dst
14
Decoding state(status reg.)
1 = corresponding PID packet
occurred at least once before
Frm
13
Decoding Type
0 = transfer PES_payload to
external port
1 = transfer whole PES packet
PID
12:0
PID
These registers should be written with certain
values during initialization phase, because the
values are undefined at first.
Field
Bits
Description
Values
Default
Hig
7
High Speed out enable
1 = transfer whole TS packet to
high speed port
CCNT
3:0
Continuity Counter
store continuity_counter value
Aud PID Register (0x404, 0x406)
Same as Vid PID register, but Audio packet
Aux PID Register (0x408, 0x40a)
Same as Vid PID register, but Auxiliary packet
Den Dst Frm
PID
15
8
7
0
Hig
CCNT
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com