Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDC21D301A Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 25Page - Hynix Semiconductor GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor GDC21D301A Datasheet HTML 30Page - Hynix Semiconductor GDC21D301A Datasheet HTML 31Page - Hynix Semiconductor GDC21D301A Datasheet HTML 32Page - Hynix Semiconductor GDC21D301A Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
30
GDC21D301A
7. Electrical Specification
7.1 Absolute Maximum Rating
SYMBOL
PARAMETERS
VALUES
UNIT
V
DD
Power Supply Voltage
-0.33 to 5.5
V
V
I
Digital Input Voltage
-0.33 to V
DD + 0.5
V
Vo
Digital Output Voltage
-0.33 to V
DD + 0.5
V
T
stg
Storage Temperature
-55 to 125
¡ É
P
d
Power Dissipation
1.0
W
Note : Absolute Maximum Ratings means that the safety of the device cannot be
guaranteed beyond these values and it doesn’t imply that the device
should be operated within these limits.
7.2 Recommended Operating Range
SYMBOL
PARAMETERS
VALUES
UNIT
V
DD
Power Supply Voltage
3.3
± 10%
V
T
opr
Operating Temperature
0 to 70
¡ É
7.3 DC Characteristics (VDD = 3.3 V
± 10%, TA = 0 ~ 70 °C )
SYMBOL
PARAMETERS
MIN
MAX
UNIT
V
IH
Input High Voltage
0.7 X V
DD
V
DD + 0.33
V
V
IL
Input Low Voltage
-0.33
0.2 X V
DD
V
V
OH
Output High Voltage
2.4
V
DD
V
V
OL
Output Low Voltage
0
0.4
V
I
DD
Dynamic Supply Current
-
150
mA
I
DDQ
Quiescent Supply Current
-
1
uA
F
opr
Max. Operating Frequency
-
27
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com