Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDC21D301A Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor GDC21D301A Datasheet HTML 17Page - Hynix Semiconductor GDC21D301A Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
15
GDC21D301A
6. Register Description
This
chapter
describes
the
registers
in
the
GDC21D301A. Table 1 summarizes these registers.
Note the following general information:
• All registers are 16-bit wide and can read/write
unless especially noted.
• All accesses to internal registers are allowed by
word or byte using DSP_ADDR[0] pin which
determines access mode unit.
• The reserved bits should be written to zero to
preserve compatibility with future features.
• Register addresses that are not defined in Table 1
are reserved. Read from these locations causes
unpredictable results. It is recommended not to
access these registers.
• In order to access these register, you should
set DSP_ADDR[22:18] to “100 11”.
Table 1. Register Summary
ADDR[A10:A0] R/W
REGISTERS
DEFINITION
000
R/W
Interrupt Flag 1
Indicates active interrupts
002
R/W
Interrupt Flag 2
Indicates active interrupts
004
R/W
Interrupt Mask 1
Interrupt Enable
006
R/W
Interrupt Mask 2
Interrupt Enable
008
R/W
Instruction
Controls the decoding
00a
R/W
Round Buffer
Controls Buffer Management
00c
R
PID Flag 1
Current Packet transferred
00e
R
PID Flag 2
Current Packet transferred
010
R/W
PWM control 1
Controls PWM output
012
R/W
PWM control 2
Controls PWM output
014
R/W
Sync Hysterisis
Sets lock/unlock parameters for sync detect
02a ~ 02e
R
PTS
PTS of Current Packet transferred
030 ~ 034
R
DTS
DTS of Current Packet transferred
036 ~ 03c
R
PCR
PCR of Current Packet transferred
040
R
splicing_count_ down
Current Splicing Countdown transferred
042,044
R
ES_rate
Current ES rate transferred
046
R
DSM_trick_mode
Current DSM trick mode transferred
048
R
additional_copy_info
Additional copy information
060,062
R
STC 1
STC register contains the instant value of internal STC counter
when new PCR is transferred.
064,066
R
STC 2
STC register contains the instant value of internal STC counter
when the beginning of frame signal(BOF1) is detected.
068,06a
R
STC 3
STC register contains the instant value of internal STC counter
when the beginning of frame signal(BOF2) is detected.
06c,06e
R
STC 4
STC register contains the instant value of internal STC counter
when the beginning of frame signal(BOF3) is detected.
070,072
R
STC 5
STC register contains the instant value of internal STC counter
when STC fetch instruction is activated.
400,402
R/W
Vid PID (0)
Assigns Video PID
404,406
R/W
Aud PID (1)
Assigns Audio PID
408,40a
R/W
Aux PID (2)
Assigns Auxiliary PID
40c,40e
R/W
PSI_3 PID
Assigns PSI_3 PID
410 ~ 47a
R/W
PSI_4 ~ PSI_30 PID
Assigns PSI_4 ~ PSI_30 PID
47c,47e
R/W
PSI_31 PID
Assigns PSI_31 PID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com