Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDC21D301A Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 26Page - Hynix Semiconductor GDC21D301A Datasheet HTML 27Page - Hynix Semiconductor GDC21D301A Datasheet HTML 28Page - Hynix Semiconductor GDC21D301A Datasheet HTML 29Page - Hynix Semiconductor GDC21D301A Datasheet HTML 30Page - Hynix Semiconductor GDC21D301A Datasheet HTML 31Page - Hynix Semiconductor GDC21D301A Datasheet HTML 32Page - Hynix Semiconductor GDC21D301A Datasheet HTML 33Page - Hynix Semiconductor GDC21D301A Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
31
GDC21D301A
7.4 AC Characteristics (VDD = 3.3 V
± 10%, TA = 0 ~ 70 °C )
7.4.1 Transport Stream Interface Requirements
tFECs
tFECh
tFCLKL
tFCLKH
tFCLKf
tFCLKr
tFCLKp
FEC_CLOCK
FEC_DATA[7:0]
D_VALID
\ERR_BLOCK
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tFECh
FEC_CLOCK to FEC_DATA hold time
5
-
-
ns
tFECs
FEC_CLOCK to FEC_DATA setup time
5
-
-
ns
tFCLKr
FEC_CLOCK rising time
-
-
1.5
ns
tFCLKf
FEC_CLOCK falling time
-
-
1.5
ns
tFCLKH
FEC_CLOCK high duration
10
-
-
ns
tFCLKL
FEC_CLOCK low duration
10
-
-
ns
tFCLKp
FEC_CLOCK period
100
-
-
ns
7.4.2 Clock Interface Requirements
tPWMd
tCLOCKL
tCLOCKH
tCLOCKf
tCLOCKr
tCLOCKp
CLOCK
VPWM
APWM
tPWMh
PARAMETER
PARAMETER
MIN
TYP
MAX
UNIT
tCLOCKH
CLOCK high duration
10
-
-
ns
tCLOCKL
CLOCK low duration
10
-
-
ns
tCLOCKr
CLOCK rising edge
-
-
1.5
ns
tCLOCKf
CLOCK falling edge
-
-
1.5
ns
tCLOCKp
CLOCK period
36
-
37
ns
tPWMD
PWM delay time
-
-
18
ns
tPWMH
PWM hold time
-
-
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com