Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 36Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 37Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 38Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 39Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 40Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 41Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 43Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
40
ispMACH 4A Family
Notes:
1. See “Switching Test Circuit” document on the Literature Download page of the Lattice web site.
2. This parameter does not apply to flip-flops in the emulated mode since the feedback path is required for emulation.
CAPACITANCE 1
Note:
1. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where this parameter may be affected.
Frequency:
fMAXS
External feedback, D-type, Min of
1/(tWLS + tWHS) or 1/(tSS + tCOS)
143
133
125
118
95.2
87.0
74.1
60.6
MHz
External feedback, T-type, Min of 1/(tWLS
+ tWHS) or 1/(tSST + tCOS)
125
125
118
111
87.0
80.0
69.0
57.1
MHz
Internal feedback (fCNT), D-type, Min of
1/(tWLS + tWHS) or 1/(tSS + tCOSi)
182
167
160
154
125
118
95.0
74.1
MHz
Internal feedback (fCNT), T-type, Min of
1/(tWLS + tWHS) or 1/(tSST + tCOSi)
154
154
148
143
111
105
87.0
69.0
MHz
No feedback2, Min of 1/(tWLS + tWHS),
1/(tSS + tHS) or 1/(tSST + tHS)
250
250
200
200
154
125
100
83.3
MHz
fMAXA
External feedback, D-type, Min of 1/
(tWLA + tWHA) or 1/(tSA + tCOA)
111
111
108
100
83.3
66.7
55.6
43.5
MHz
External feedback, T-type, Min of 1/(tWLA
+ tWHA) or 1/(tSAT + tCOA)
105
105
102
95.2
76.9
62.5
52.6
41.7
MHz
Internal feedback (fCNTA), D-type, Min of
1/(tWLA + tWHA) or 1/(tSA + tCOAi)
133
133
125
125
105
83.3
66.7
50.0
MHz
Internal feedback (fCNTA), T-type, Min of
1/(tWLA + tWHA) or 1/(tSAT + tCOAi)
125
125
125
118
95.2
76.9
62.5
47.6
MHz
No feedback2, Min of 1/(tWLA + tWHA),
1/(tSA + tHA) or 1/(tSAT + tHA)
167
167
143
143
125
100
62.5
55.6
MHz
fMAXI
Maximum input register frequency, Min
of 1/(tWIRH + tWIRL) or 1/(tSIRS + tHIRS)
167
167
143
143
125
100
83.3
83.3
MHz
Parameter Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input capacitance
VIN=2.0 V
3.3 V or 5 V, 25°C, 1 MHz
6
pF
CI/O
Output capacitance
VOUT=2.0V
3.3 V or 5 V, 25°C, 1 MHz
8
pF
ispMACH 4A TIMING PARAMETERS OVER OPERATING RANGES1 (CONTINUED)
-5
-55
-6
-65
-7
-10
-12
-14
Unit
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com