Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 58 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 58 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 58Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 59Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 60Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 61Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 62Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
58
ispMACH 4A Family
256-BALL fpBGA CONNECTION DIAGRAM (M4A3-512/192)
Bottom View
256-Ball fpBGA
16
15
14
13
12
11
10
987654321
A
I/O159
KX7
I/O181
OX5
I/O180
OX4
I/O177
OX1
I/O174
NX6
I/O172
NX4
I/O191
PX7
I/O186
PX2
I/O1
A1
I/O3
A3
CLK0
I/O17
C1
I/O21
C5
I/O21
C7
I/O10
B2
I/O12
B4
A
B
I/O157
KX5
I/O158
KX6
I/O182
OX6
I/O179
OX3
I/O175
NX7
I/O173
NX5
I/O168
NX0
I/O187
PX3
I/O0
A0
I/O5
A5
I/O7
A7
I/O18
C2
I/O8
B0
I/O11
B3
I/O13
B5
N/C
B
C
I/O155
KX3
I/O156
KX4
N/C
I/O183
OX7
I/O178
OX2
I/O170
NX2
I/O171
NX3
I/O189
PX5
I/O184
PX0
I/O6
A6
I/O20
C4
I/O22
C6
I/O15
B7
I/O14
B6
TDI
I/O39
F7
C
D
I/O150
JX6
I/O151
JX7
TDO
GND
GND
VCC
GND
VCC
GND
GND
VCC
GND
VCC
I/O9
B1
I/O38
F6
I/O37
F5
D
E
I/O148
JX4
N/C
I/O154
KX2
VCC
I/O152
KX0
I/O153
KX1
I/O190
PX6
CLK3
I/O188
PX4
I/O2
A2
I/O16
C0
N/C
GND
I/O36
F4
I/O35
F3
I/O47
G7
E
F
I/O144
JX0
I/O149
JX5
I/O147
JX3
GND
I/O146
JX2
I/O145
JX1
I/O176
OX0
I/O169
NX1
I/O185
PX1
I/O4
A4
I/O19
C3
I/O34
F2
VCC
I/O32
F0
I/O46
G6
I/O45
G5
F
G
I/O163
LX3
I/O166
LX6
I/O165
LX5
VCC
I/O164
LX4
I/O167
LX7
VCC
GND
GND
VCC
I/O33
F1
I/O44
G4
GND
I/O42
G2
I/O41
G1
I/O31
E7
G
H
I/O160
LX0
I/O162
LX2
I/O161
LX1
GND
I/O120
EX0
I/O121
EX1
GND
VCC
VCC
GND
I/O43
G3
I/O40
G0
VCC
I/O28
E4
I/O27
E3
I/O26
E2
H
J
I/O122
EX2
I/O123
EX3
I/O124
EX4
GND
I/O126
EX6
I/O125
EX5
GND
VCC
VCC
GND
I/O30
E6
I/O29
E5
GND
I/O65
L1
I/O64
L0
I/O66
L2
J
K
I/O127
EX7
I/O136
GX0
I/O137
GX1
VCC
I/O139
GX3
I/O138
GX2
VCC
GND
GND
VCC
I/O25
E1
I/O24
E0
VCC
I/O71
L7
I/O70
L6
I/O48
J0
K
L
I/O140
GX4
I/O141
GX5
I/O143
GX7
GND
I/O130
FX2
I/O142
GX6
I/O98
AX2
I/O91
P3
I/O75
N3
I/O77
N5
I/O68
L4
I/O67
L3
GND
I/O51
J3
I/O52
J4
I/O49
J1
L
M
I/O128
FX0
I/O129
FX1
I/O131
FX3
GND
I/O115
CX3
I/O113
CX1
I/O100
AX4
I/O90
P2
I/O74
N2
I/O80
O0
I/O83
O3
I/O69
L5
VCC
I/O60
K4
I/O55
J7
I/O50
J2
M
N
I/O132
FX4
I/O133
FX5
I/O135
FX7
VCC
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
TCK
I/O56
K0
I/O53
J5
N
P
I/O134
FX6
I/O109
BX5
I/O110
BX6
I/O111
BX7
I/O116
CX4
I/O114
CX2
I/O101
AX5
I/O89
P1
I/O93
P5
I/O94
P6
I/O79
N7
I/O84
O4
I/O87
O7
TMS
I/O57
K1
I/O54
J6
P
R
I/O108
BX4
I/O107
BX3
I/O104
BX0
I/O119
CX7
I/O112
CX0
I/O102
AX6
I/O99
AX3
I/O96
AX0
I/O92
P4
I/O72
N0
I/O76
N4
I/O81
O1
I/O85
O5
I/O63
K7
I/O59
K3
I/O58
K2
R
T
I/O106
BX2
I/O105
BX1
I/O118
CX6
I/O117
CX5
I/O103
AX7
CLK2
I/O97
AX1
I/O88
P0
CLK1
I/O95
P7
I/O73
N1
I/O78
N6
I/O82
O2
I/O86
O6
I/O62
K6
I/O61
K5
T
16
15
14
13
12
11
10
987654321
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
m4a3.512.192_256bga



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com