Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 15Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 16Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 17Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 18Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 19Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 20Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 21Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 22Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
ispMACH 4A Family
19
PAL Block Clock Generation
Each ispMACH 4A device has four clock pins that can also be used as inputs. These pins drive
a clock generator in each PAL block (Figure 14). The clock generator provides four clock signals
that can be used anywhere in the PAL block. These four PAL block clock signals can consist of
a large number of combinations of the true and complement edges of the global clock signals.
Table 14 lists the possible combinations.
1. M4A(3,5)-32/32 and M4A(3,5)-64/32 have only two clock pins, GCLK0 and GCLK1. GCLK2 is tied to GCLK0, and GCLK3 is
tied to GCLK1.
Note:
1. Values in parentheses are for the M4A(3,5)-32/32 and M4A(3,5)-64/32.
This feature provides high flexibility for partitioning state machines and dual-phase clocks. It
also allows latches to be driven with either polarity of latch enable, and in a master-slave
configuration.
Table 14. PAL Block Clock Combinations1
Block CLK0
Block CLK1
Block CLK2
Block CLK3
GCLK0
GCLK1
GCLK0
GCLK1
X
X
X
X
GCLK1
GCLK1
GCLK0
GCLK0
X
X
X
X
X
X
X
X
GCLK2 (GCLK0)
GCLK3 (GCLK1)
GCLK2 (GCLK0)
GCLK3 (GCLK1)
X
X
X
X
GCLK3 (GCLK1)
GCLK3 (GCLK1)
GCLK2 (GCLK0)
GCLK2 (GCLK0)
GCLK0
GCLK1
GCLK2
GCLK3
Block CLK0
(GCLK0 or GCLK1)
Block CLK1
(GCLK1 or GCLK0)
Block CLK2
(GCLK2 or GCLK3)
Block CLK3
(GCLK3 or GCLK2)
17466G-004
Figure 14. PAL Block Clock Generator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com