Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 50Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 51Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 52Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 53Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
54
ispMACH 4A Family
256-BALL fpBGA CONNECTION DIAGRAM (M4A3-256/192)
Bottom View
256-Ball fpBGA
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
16
15
14
13
12
11
10
987654321
A
I/O167
N15
I/O181
O13
I/O180
O12
I/O177
O9
I/O174
O6
I/O172
O4
I/O191
P14
I/O186
P4
I/O1
A2
I/O3
A6
GCLK0
I/O9
B1
I/O13
B5
I/O15
B7
I/O18
B10
I/O20
B12
A
B
I/O165
N13
I/O166
N14
I/O182
O14
I/O179
O11
I/O175
O7
I/O173
O5
I/O168
O0
I/O187
P6
I/O0
A0
I/O5
A10
I/O7
A14
I/O10
B2
I/O16
B8
I/O19
B11
I/O21
B13
NC
B
C
I/O163
N11
I/O164
N12
NC
I/O183
O15
I/O178
O10
I/O170
O2
I/O171
O3
I/O189
P10
I/O184
P0
I/O6
A12
I/O12
B4
I/O14
B6
I/O23
B15
I/O22
B14
TDI
I/O39
C15
C
D
I/O158
N6
I/O159
N7
TDO
GND
GND
VCC
GND
VCC
GND
GND
VCC
GND
VCC
I/O17
B9
I/O38
C14
I/O37
C13
D
E
I/O156
N4
NC
I/O162
N10
VCC
I/O160
N8
I/O161
N9
I/O190
P12
GCLK3 I/O188
P8
I/O2
A4
I/O8
B0
NC
GND
I/O36
C12
I/O35
C11
I/O31
C7
E
F
I/O152
N0
I/O157
N5
I/O155
N3
GND
I/O154
N2
I/O153
N1
I/O176
O8
I/O169
O1
I/O185
P2
I/O4
A8
I/O11
B3
I/O34
C10
VCC
I/O32
C8
I/O30
C6
I/O29
C5
F
G
I/O147
M6
I/O150
M12
I/O149
M10
VCC
I/O148
M8
I/O151
M14
VCC
GND
GND
VCC
I/O33
C9
I/O28
C4
GND
I/O26
C2
I/O25
C1
I/O47
D14
G
H
I/O144
M0
I/O146
M4
I/145
OM2
GND
I/O136
L0
I/O137
L2
GND
VCC
VCC
GND
I/O27
C3
I/O24
C0
VCC
I/O44
D8
I/O43
D6
I/O42
D4
H
J
I/O138
L4
I/O139
L6
I/O140
L8
GND
I/O142
L12
I/O141
L10
GND
VCC
VCC
GND
I/O46
D12
I/O45
D10
GND
I/O49
E2
I/O48
E0
I/O50
E4
J
K
I/O143
L14
I/O120
K0
I/O121
K1
VCC
I/O123
K3
I/O122
K2
VCC
GND
GND
VCC
I/O41
D2
I/O40
D0
VCC
I/O55
E14
I/O54
E12
I/O56
F0
K
L
I/O124
K4
I/O125
K5
I/O127
K7
GND
I/O130
K10
I/O126
K6
I/O98
I4
I/O91
H6
I/O75
G3
I/O77
G5
I/O52
E8
I/O51
E6
GND
I/O59
F3
I/O60
F4
I/O57
F1
L
M
I/O128
K8
I/O129
K9
I/O131
K11
GND
I/O107
J3
I/O105
J1
I/O100
I8
I/O90
H4
I/O74
G2
I/O80
G8
I/O83
G11
I/O53
E10
VCC
I/O68
F12
I/O63
F7
I/O58
F2
M
N
I/O132
K12
I/O133
K13
I/O135
K15
VCC
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
TCK
I/O64
F8
I/O61
F5
N
P
I/O134
K14
I/O117
J13
I/O118
J14
I/O119
J15
I/O108
J4
I/O106
J2
I/O101
I10
I/O89
H2
I/O93
H10
I/O94
H12
I/O79
G7
I/O84
G12
I/O87
G15
TMS
I/O65
F9
I/O62
F6
P
R
I/O116
J12
I/O115
J11
I/O112
J8
I/O111
J7
I/O104
J0
I/O102
I12
I/O99
I6
I/O96
I0
I/O92
H8
I/O72
G0
I/O76
G4
I/O81
G9
I/O85
G13
I/O71
F15
I/O67
F11
I/O66
F10
R
T
I/O114
J10
I/O113
J9
I/O110
J6
I/O109
J5
I/O103
I14
GCLK2
I/O97
I2
I/O88
H0
GCLK1
I/O95
H14
I/O73
G1
I/O78
G6
I/O82
G10
I/O86
G14
I/O70
F14
I/O69
F13
T
16
15
14
13
12
11
10
987654321
17466G-047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com