Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 53Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 58Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 59Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 60Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
ispMACH 4A Family
57
256-BALL fpBGA CONNECTION DIAGRAM (M4A3-384/192)
Bottom View
256-Ball fpBGA
16
15
14
13
12
11
10
987654321
A
I/O175
FX7
I/O181
GX5
I/O180
GX4
I/O177
GX1
I/O166
EX6
I/O164
EX4
I/O191
HX7
I/O186
HX2
I/O1
A1
I/O3
A3
CLK0
I/O25
D1
I/O29
D5
I/O31
D7
I/O10
B2
I/O12
B4
A
B
I/O173
FX5
I/O174
FX6
I/O182
GX6
I/O179
GX3
I/O167
EX7
I/O165
EX5
I/O160
EX0
I/O187
HX3
I/O0
A0
I/O5
A5
I/O7
A7
I/O26
D2
I/O8
B0
I/O11
B3
I/O13
B5
N/C
B
C
I/O171
FX3
I/O172
FX4
N/C
I/O183
GX7
I/O178
GX2
I/O162
EX2
I/O163
EX3
I/O189
HX5
I/O184
HX0
I/O6
A6
I/O28
D4
I/O30
D6
I/O15
B7
I/O14
B6
TDI
I/O23
C7
C
D
I/O150
CX6
I/O151
CX7
TDO
GND
GND
VCC
GND
VCC
GND
GND
VCC
GND
VCC
I/O9
B1
I/O22
C6
I/O21
C5
D
E
I/O148
CX4
N/C
I/O170
FX2
VCC
I/O168
FX0
169
FX1
I/O190
HX6
CLK3
I/O188
HX4
I/O2
A2
I/O24
D0
N/C
GND
I/O20
C4
I/O19
C3
I/O47
F7
E
F
I/O144
CX0
I/O149
CX5
I/O147
CX3
GND
I/O146
CX2
I/O145
CX1
I/O176
GX0
I/O161
EX1
I/O185
HX1
I/O4
A4
I/O27
D3
I/O18
C2
VCC
I/O16
C0
I/O46
F6
I/O45
F5
F
G
I/O155
DX3
I/O158
DX6
I/O157
DX5
VCC
I/O156
DX4
I/O159
DX7
VCC
GND
GND
VCC
I/O17
C1
I/O44
F4
GND
I/O42
F2
I/O41
F1
I/O39
E7
G
H
I/O152
DX0
I/O154
DX2
I/O153
DX1
GND
I/O128
AX0
I/O129
AX1
GND
VCC
VCC
GND
I/O43
F3
I/O40
F0
VCC
I/O36
E4
I/O35
E3
I/O34
E2
H
J
I/O130
AX2
I/O131
AX3
I/O132
AX4
GND
I/O134
AX6
I/O133
AX5
GND
VCC
VCC
GND
I/O38
E6
I/O37
E5
GND
I/O57
H1
I/O56
H0
I/O58
H2
J
K
I/O135
AX7
I/O136
BX0
I/O137
BX1
VCC
I/O139
BX3
I/O138
BX2
VCC
GND
GND
VCC
I/O33
E1
I/O32
E0
VCC
I/O63
H7
I/O62
H6
I/O48
G0
K
L
I/O140
BX4
I/O141
BX5
I/O143
BX7
GND
I/O114
O2
I/O142
BX6
I/O98
M2
I/O91
L3
I/O67
I3
I/O69
I5
I/O60
H4
I/O59
H3
GND
I/O51
G3
I/O52
G4
I/O49
G1
L
M
I/O112
O0
I/O113
O1
I/O115
O3
GND
I/O123
P3
I/O121
P1
I/O100
M4
I/O90
L2
I/O66
I2
I/O80
K0
I/O83
K3
I/O61
H5
VCC
I/O76
J4
I/O55
G7
I/O50
G2
M
N
I/O116
O4
I/O117
O5
I/O119
O7
VCC
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
TCK
I/O72
J0
I/O53
G5
N
P
I/O118
O6
I/O109
N5
I/O110
N6
I/O111
N7
I/O124
P4
I/O122
P2
I/O101
M5
I/O89
L1
I/O93
L5
I/O94
L6
I/O71
I7
I/O84
K4
I/O87
K7
TMS
I/O73
J1
I/O54
G6
P
R
I/O108
N4
I/O107
N3
I/O104
N0
I/O127
P7
I/O120
P0
I/O102
M6
I/O99
M3
I/O96
M0
I/O92
L4
I/O64
I0
I/O68
I4
I/O81
K1
I/O85
K5
I/O79
J7
I/O75
J3
I/O74
J2
R
T
I/O106
N2
I/O105
N1
I/O126
P6
I/O125
P5
I/O103
M7
CLK2
I/O97
M1
I/O88
L0
CLK1
I/O95
L7
I/O65
I1
I/O70
I6
I/O82
K2
I/O86
K6
I/O78
J6
I/O77
J5
T
16
15
14
13
12
11
10
987654321
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
m4a3.384.192_256bga



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com