Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 46Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 47Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 48Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 49Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 50Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 51Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
48
ispMACH 4A Family
100-BALL caBGA CONNECTION DIAGRAM (M4A3-128/64)
Bottom View
100-Ball caBGA
10
98765432
1
A
GND
I/O63
H7
I/O60
H4
I/O57
H1
GND
GND
I/O1
A1
I/O4
A4
I/O7
A7
GND
A
B
TRST
GND
I/O61
H5
I5
VCC
I/O0
A0
I/O6
A6
GND
TDI
I/O15
B7
B
C
I/O53
G5
TDO
I/O62
H6
I/O58
H2
I/O56
H0
I/O2
A2
GND
I/O14
B6
I/O13
B5
I/O12
B4
C
D
I/O50
G2
I/O55
G7
GND
I/O59
H3
I/O3
A3
I/O5
A5
I/O11
B3
I/O10
B2
CLK0/I0
CLK3/I3
I/O9
B1
D
E
I/O49
G1
I/O51
G3
I/O54
G6
VCC
I/O16
C0
I/O20
C4
I/O8
B0
VCC
GND
E
F
GND
VCC
I/O40
F0
I/O52
G4
I/O48
G0
VCC
I/O22
C6
I/O19
C3
I/O17
C1
CLK1/I1
F
G
I/O41
F1
CLK2/I2
I/O42
F2
I/O43
F3
I/O37
E5
I/O35
E3
I/O27
D3
GND
I/O23
C7
I/O18
C2
G
H
I/O44
F4
I/O45
F5
I/O46
F6
GND
I/O34
E2
I/O24
D0
I/O26
D2
I/O30
D6
TCK
I/O21
C5
H
J
I/O47
F7
ENABLE
GND
I/O38
E6
I/O32
E0
VCC
I2
I/O29
D5
GND
TMS
J
K
GND
I/O39
E7
I/O36
E4
I/O33
E1
GND
GND
I/O25
D1
I/O28
D4
I/O31
D7
GND
K
10
98765432
1
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
17466G-100cabga



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com