Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISPMACH4ACPLDFAMILY Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # ISPMACH4ACPLDFAMILY
Description  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 49Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 50Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 51Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 52Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 53Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 54Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 55Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 56Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
ispMACH 4A Family
53
256-BALL BGA CONNECTION DIAGRAM (M4A(3,5)-256/128)
Bottom View
256-Ball BGA
GND
GND
I/O116
O3
I/O120
P7
I/O123
P4
GND
I12
GND
N/C
GND
N/C
N/C
GND
I1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
N/C
I/O113
O6
N/C
I/O117
O2
I/O119
O0
I/O122
P5
I/O125
P2
I/O127
P0
N/C
CLK3
CLK0
N/C
I/O0
A0
I/O1
A1
GND
N/C
VCC
I/O112
O7
I/O114
O5
I/O118
O1
I/O121
P6
I/O126
P1
N/C
N/C
N/C
N/C
I/O2
A2
I/O6
A6
I/O108
N4
I/O109
N5
TRST
VCC
TDI
I/O115
O4
VCC
I/O124
P3
I13
N/C
N/C
I0
I/O3
A3
VCC
I/O105
N1
I/O106
N2
I/O111
N7
VCC
GND
I/O103
M7
I/O107
N3
I/O110
N6
I/O100
M4
I/O102
M6
I/O104
N0
VCC
I/O96
M0
I/O98
M2
I/O101
M5
N/C
GND
N/C
I/O97
M1
I/O99
M3
GND
I11
N/C
N/C
GND
N/C
I10
I9
GND
N/C
I/O94
L1
I/O92
L3
GND
I/O82
K5
VCC
I/O79
J7
I/O77
J5
I/O73
J1
I/O70
I6
I/O66
I2
N/C
N/C
N/C
N/C
I/O61
H2
I/O57
H6
GND
20
19
18
17
16
15
14
13
12
11
10
9
I/O95
L0
I/O93
L2
I/O90
L5
N/C
8
I/O91
L4
I/O89
L6
I/O86
K1
VCC
7
GND
I/O88
L7
I/O84
K3
I/O81
K6
6
I/O87
K0
I/O85
K2
I/O80
K7
VCC
5
N/C
I/O83
K4
ENABLE
VCC
TDO
I/O76
J4
VCC
I/O67
I3
I7
N/C
N/C
I6
I/O60
H3
VCC
43
GND
N/C
I/O78
J6
I/O75
J3
I/O72
J0
I/O69
I5
I/O65
I1
I/O64
I0
N/C
CLK2
CLK1
I/O63
H0
I/O59
H4
I/O58
H5
21
20
19
18
17
16
15
14
13
12
11
10
9876543
21
GND
I/O74
J2
I/O71
I7
I/O68
I4
GND
I8
GND
N/C
N/C
GND
I/O62
H1
GND
I5
GND
I/O4
A4
I/O7
A7
I/O5
A5
I/O8
B0
I/O11
B3
I/O9
B1
I/O12
B4
I/O15
B7
N/C
TCK
VCC
VCC
I/O18
C5
VCC
I/O24
D7
I/O29
D2
I2
N/C
I/O35
E3
I/O54
G1
I/O50
G5
I/O48
G7
N/C
VCC
N/C
VCC
I/O51
G4
TMS
VCC
I/O56
H7
I/O55
G0
I/O53
G2
GND
N/C
N/C
I/O10
B2
GND
GND
I/O13
B5
I/O14
B6
GND
VCC
N/C
GND
I/O16
C7
N/C
N/C
I/O17
C6
I/O19
C4
I/O20
C3
I/O21
C2
I/O22
C1
GND
I/O23
C0
I/O25
D6
I/O26
D5
I/O27
D4
I/O28
D3
I/O30
D1
I/O31
D0
N/C
GND
I3
N/C
GND
N/C
I4
GND
I/O33
E1
N/C
GND
VCC
N/C
GND
I/O37
E5
I/O34
E2
I/O32
E0
I/O41
F1
I/O38
E6
I/O36
E4
I/O43
F3
I/O39
E7
GND
I/O46
F6
I/O42
F2
I/O40
F0
I/O47
F7
I/O45
F5
I/O44
F4
I/O52
G3
I/O49
G6
N/C
N/C
GND
GND
PIN DESIGNATIONS
CLK
GND
I
I/O
N/C
VCC
TDI
TCK
TMS
TDO
TRST
ENABLE
=
=
=
=
=
=
=
=
=
=
=
=
I/O Cell
PAL Block
Clock
Ground
Input
Input/Output
No Connect
Supply Voltage
Test Data In
Test Clock
Test Mode Select
Test Data Out
Test Reset
Program
C7
17466G-045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com