Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX Datasheet(PDF) 16 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 16 Page - ams AG

Back Button TDC-GPX Datasheet HTML 12Page - ams AG TDC-GPX Datasheet HTML 13Page - ams AG TDC-GPX Datasheet HTML 14Page - ams AG TDC-GPX Datasheet HTML 15Page - ams AG TDC-GPX Datasheet HTML 16Page - ams AG TDC-GPX Datasheet HTML 17Page - ams AG TDC-GPX Datasheet HTML 18Page - ams AG TDC-GPX Datasheet HTML 19Page - ams AG TDC-GPX Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
15
1.6 Power supply
1.6.1 Resolution adjust
In principle the high resolution of the TDC-GPX is de-
rived from the internal gate propagation times. The
gate propagation time depends upon voltage, tempera-
ture and the manufacturing process. Due to this de-
pendency the resolution normally is not known and
must be calculated via calibration measurements. In
addition, the resolution is not stable, it sways with
voltage and temperature. This does not apply using the
resolution adjust mode for the TDC-GPX. In this mode
the resolution of the TDC-GPX is adjusted quartz-
accurately and absolutely temperature stable via
Phase Locked Loop The phase locked loop (PLL) regu-
lates the core voltage of the TDC-GPX so that the reso-
lution is set exactly to the programmed value.
The BIN size is calculated as follows:
hsdiv
216
2
T
BIN
refclkdiv
ref
Mode
I
×
×
=
2
1
BIN
BIN
Mode
I
Mode
G
×
=
3
1
BIN
BIN
Mode
I
Mode
R
×
=
1
MSet
1
BIN
BIN
Mode
R
Mode
M
+
×
=
Tref = 25ns (40 MHz reference clock)
RefClkDiv, HSDiv
→ Register 7
The adjustment range of the resolution can reach
values from –40 % up to +9 % of the normal resolu-
tion at 3.3 V and 25 °C. If environmental conditions
lead to very large adjustments the locked-state can be
lost. Then the PLL changes to floating resolution until
the conditions allow the PLL to lock again.
Figure 15 shows the recommended external circuit for
the regulation loop.
Note: See also application note AN013.
Example:
RefClkDiv = 7 and HSDiv = 183 give the follow-
ing resolution:
I-Mode
80.9553 ps BIN
G-Mode
40.4776 ps BIN
R-Mode
26.9851 ps BIN
Vddo
Vsso
Vddc
Vssc
Vddc-o
Vssc-o
Vddc-h
Vssc-h
Vdde
Vsse
TDC-GPX
Vo
adj.
Vi
Vddc Vddc Vddc Vddc
Vddo
Vddo
Vddo
Vddo
Vdde
Vdde
Vdde
5*47 µF
2*47 µF
5*47 µF
1K3
10 µF
LM1117
1K8
2K2
10R
10 µF
3.3 V
5.0 V
Phase
5*47 µF
Schottky (BAT47)
close to the regulator
electrolytic, e.g.
tantalum
RefClk
40 MHz reference
Vdde
Vdde
>= 50 mil
Figure 15
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com