Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX Datasheet(PDF) 27 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 27 Page - ams AG

Back Button TDC-GPX Datasheet HTML 23Page - ams AG TDC-GPX Datasheet HTML 24Page - ams AG TDC-GPX Datasheet HTML 25Page - ams AG TDC-GPX Datasheet HTML 26Page - ams AG TDC-GPX Datasheet HTML 27Page - ams AG TDC-GPX Datasheet HTML 28Page - ams AG TDC-GPX Datasheet HTML 29Page - ams AG TDC-GPX Datasheet HTML 30Page - ams AG TDC-GPX Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
26
the data to the Interface FIFO, which is 256 stages
deep. This is done with respect to automatic band-
width distribution. If a hit from one channel has been
processed, the neighbored channel gets highest prior-
ity for next operation. If there is no hit on the next, the
next sequential gets priority and so on. The maximum
rate for transfer into the Interface FIFO is 40 MHz. So
if there are hits on all channels equally distributed, the
maximum rate per channel is 10 MHz. If there are hits
on only one channel, this channel has 40 MHz maxi-
mum rate.
Finally a data multiplexer adds data from both Inter-
face FIFOs to the data bus. The data bus is 28 Bits
wide and capable of 40 MHz transfer rate. The data
bus can be switched to 16 Bit width writing
0x0000010 into address 14. A LOW at pin ‘Output
enable’ forces the bidirectional bus drivers to perma-
nent output state. This is helpful for fast data read out
routines.
Each Interface FIFO has an empty flag (EF) and a load-
level flag (LF). All flags are HIGH active. At low data
rates it is recommended to check the EF to see
whether there are data available for read out. It is not
allowed to read from an empty Interface FIFO. The LF
is helpful at high data rates. The load level threshold
can be set in ‘Fill’ in register 6 and is the same for
both FIFOs. As soon as the set number of data is avail-
able this can be read from the FIFO as a block without
the need of checking the EF.
Note: the load-level flags are not synchronized. The
load-level flag for a FIFO is valid only if it is not read
from this FIFO. Otherwise there might be spikes.
2.4 Data structure
The output data are integers with a BIN width defined
by the setting of the resolution adjust unit (1.6.1 Reso-
lution adjust),
hsdiv
216
2
T
BIN
refclkdiv
ref
×
×
=
Bits
27...26
Bits
25…18
Bit
17
Bits
16…0
Channel
code
Start#
= Start
number
Slope
Time interval data
Hit = Stop-Start
The time interval is calculated (externally) as:
If Start# is 0:
Time = 1 BIN(ps) * (Hit – StartOff1)
If Start# > 0:
Time = 1 BIN(ps) * (Hit – StartOff1 + Start01
+ (Start# - 1) * (StartTimer +1) * Tref
2.5 Reset
There are 3 ways of resetting the device:
Power-up reset: a low signal at pin PURESN
resets the whole chip.
Master-Reset: this command resets everything
except the configuration registers. It can be done
by software writing to register 4. When Master-
AluTrig in register 5 is set to ‘1’ it can be done
also by a HIGH at the Alutrigger input pin.
Partial-Reset: this command resets everything
except the configuration registers and the Inter-
face FIFOs. It can be done by software writing to
register 4. When PartialAluTrig in register 5 is
set to ‘1’ it can be done also by a HIGH at the
Alutrigger input pin.
After a Power-on reset and a Master reset it takes 40
ns before the Start and Stop inputs accept data.
After a Partial reset it takes 75 ns before the Start
and Stop inputs accept data.
2.6 MTimer
There is an internal timer available for internal use.
The main application will be setting a dedicated time
interval between 25ns and 204.7 µs after which the
interrupt flag is set. The period is set in ‘MTimer’,
register 7, in multiples of Tref. The maximum delay is
8191 * Tref = 204.7 µs. The timer can be started by
a Stop and/or Start signal. This is set in ‘MTimerStart’
and ‘MTimerStop’, register 4. Setting Bit ‘TimerFlag’,
register 12, the interrupt flag is set when the timer
stops.
2.7 Interrupt Flag
The user can select on which event(s) the interrupt
flag is set.
The selection is done in register 12, Bits 13 to 25, by
unmasking the dedicated bits. They are combined by
an Or-Gate to the interrupt flag.
Selectable events are
Hit FIFOs 1, 2 …or/and 8 are full
Interface FIFOs 1 or/and 2 are full
PLL not locked
All Hit FIFOs empty
End of Mtimer
2.8 Error Flag
The user can select on which event(s) the error flag is
set.
The selection is done in register 11, Bits 16 to 26, by
unmasking the dedicated bits. They are combined by
an Or-Gate to the error flag.
Selectable events are
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com