Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX Datasheet(PDF) 43 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 43 Page - ams AG

Back Button TDC-GPX Datasheet HTML 39Page - ams AG TDC-GPX Datasheet HTML 40Page - ams AG TDC-GPX Datasheet HTML 41Page - ams AG TDC-GPX Datasheet HTML 42Page - ams AG TDC-GPX Datasheet HTML 43Page - ams AG TDC-GPX Datasheet HTML 44Page - ams AG TDC-GPX Datasheet HTML 45Page - ams AG TDC-GPX Datasheet HTML 46Page - ams AG TDC-GPX Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
42
4
8.5 ns
The on-chip timings for measuring rising and falling
edge down to 1.5 ns are very critical. For some chips
it might be necessary to add an internal, additional
delay to guarantee correct data processing. These
delays are set by the RaSpeed bits and the Del-
Risex/DelFallx/DelTx in registers 2, 3 and 4. Increas-
ing those will reduce the pulse-pair resolution of the
TDC-GPX .
RaSpeed & Delx
Pulse-pair resolution
0
5.5 ns
1
6.5 ns
2
7.5 ns
3
8.5 ns
4.11 R-Mode Timing & Resolution
TDC-GPX is working in resolution adjust mode. The
resolution adjust unit is identical with TDC-F1’s unit.
The delay parameters vary with voltage, temperature
and process tolerance. The following table lists the
derating factors.
Derating by
Minimal
Maximal
Voltage
0.91 at 3.6V
1.2 at 2.85V
Temperature
0.889 at –
40°C
1.17 at
+125°C
Process
0.74
1.31
With the stabilization of the resolution by the resolu-
tion adjust mode, the voltage of the core decreases
with decreasing temperature, and increases with in-
creasing temperature. The setting should be done in a
way that at maximum operating temperature the
maximum core voltage is reached, and that minimum
core voltage is reached at minimum operating tem-
perature. With this method you get two limits:
Best case process, deepest temperature, lowest volt-
age: 0.74 x 0.889 x 1.2 = 0.789
Worst case process, highest temperature, highest
voltage: 1.31 x 1.17 x 0.91 = 1.394
From validation measurement the typical BIN size has
been 27 ps (typ. process, 25°C, 3.3V). With the above-
mentioned derating factors this gives two limits for the
resolution:
Best
Worst
Resolution
21 ps
38 ps
The BIN or LSB width is defined by the setting of the
resolution adjust unit (1.6.1 Resolution adjust),
The standard deviation (1
σ) of the result is typically
1.4 LSB + 2,8 ps *
∆t/µs.
R-Mode, Standard deviation, TTL-inputs
0
1
2
3
4
5
6
7
0,0
5,0
10,0
15,0
20,0
25,0
30,0
35,0
40,0
45,0
Delay
∆
∆∆
∆t (µs)
Figure 31
The pulse width limit is 1.5 ns typically, limited by the
input buffers.
The measurement range depends on the bin size and
the coarse counter. Its typical value is:
Measurement range
= 54 x 32767 x 27 ps
= 47 µs
DNL
The TDC-GPX shows a moderate differential non-
linearity (DNL) because internal propagation delays
were used for the time measurement and because
those delays are different for rising and falling edges,
but the variation from channel to channel is system-
atic. The following diagram shows the DNL data at a
resolution of 27 ps:
TDC-GPX: DNL, R-Mode
0
5
10
15
20
25
30
35
BIN
Figure 32
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com