Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDC-GPX Datasheet(PDF) 23 Page - ams AG

Part # TDC-GPX
Description  Ultra-high Performance 8 Channel Time- to-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GPX Datasheet(HTML) 23 Page - ams AG

Back Button TDC-GPX Datasheet HTML 19Page - ams AG TDC-GPX Datasheet HTML 20Page - ams AG TDC-GPX Datasheet HTML 21Page - ams AG TDC-GPX Datasheet HTML 22Page - ams AG TDC-GPX Datasheet HTML 23Page - ams AG TDC-GPX Datasheet HTML 24Page - ams AG TDC-GPX Datasheet HTML 25Page - ams AG TDC-GPX Datasheet HTML 26Page - ams AG TDC-GPX Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
TDC-GPX
acam-messelectronic gmbh - Am Hasenbiel 27 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
22
2 I-Mode
2.1 Block diagram I-Mode
Input
Logic
Measurement Core
Input
Logic
Input
Logic
Input
Logic
Input
Logic
Input
Logic
Input
Logic
Input
Logic
Input
Logic
Start
Fifo
Hit
Fifo1
Hit
Fifo2
Hit
Fifo3
Hit
Fifo4
Hit
Fifo5
Hit
Fifo6
Hit
Fifo7
Hit
Fifo8
Start select and
update logic
TStart
TStop
2
EF1
Data multiplexer
Databus
Address
32 cells
TStop
3
TStop
4
TStop
5
TStop
6
TStop
7
TStop
8
TStop
1
Internal
Start
generation
40 MHz
clock
Startnumber
generation
Pipelined postprocessing
- compression
- Stop-Start-substraction
- data structure assembly
Pipelined postprocessing
- compression
- Stop-Start-substraction
- data structure assembly
Start1 -Start0
register
Collecting logic unit with
automatic bandwith distribution
Collecting logic unit with
automatic bandwith distribution
Interface FIFO
28 x 256
Interface FIFO
28 x 256
28
28
28
28
28
28
28 or 2x16
Read/Write
logic
Configuration
registers
WRN RDN CSN
40 MHz
max.
40 MHz
max.
40 MHz
max.
7 MHz max.
at TStart
with
retrigger
LF1
LF2
EF2
200 MHz peak per TStop
Figure 16: Block diagram
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com