Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 36Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 37Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 38Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 39Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 40Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
2003 Oct 02
40
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
handbook, full pagewidth
MHC113
0
5
4
3
2
1
36
37
38
40
41
38.9
38.71
39.09
lock range without SAW filter
f (MHz)
AFC window
VAFC
(V)
+200
+100
0
−100
IAFC
(
µA)
−200
TDA9885
TDA9886
21
(23)
R1
22 k
Ω
R2
22 k
Ω
VP
VAFC
IAFC
Fig.10 Typical analog AFC characteristic.
Pin numbers for TDA9885HN and TDA9886HN in parenthesis.
handbook, halfpage
0
30
50
110
80
60
20
40
MHC112
70
90
Vi(VIF) (dBµV)
S/N
(dB)
Fig.11 Typical signal-to-noise ratio as a function of
VIF input voltage.
handbook, halfpage
SC CC
PC
SC CC
PC
BLUE
YELLOW
21 dB
13.2 dB
3.2 dB
21 dB
13.2 dB
10 dB
MHA739
Fig.12 Input signal conditions.
SC is sound carrier, with respect to sync level.
CC is chrominance carrier, with respect to sync level.
PC is picture carrier, with respect to sync level.
The sound carrier levels are take into account a sound shelf
attenuation of 14 dB (SAW filter G1984M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com