Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9885TS/V3 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 13Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 14Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 15Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 16Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
2003 Oct 02
17
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
9.2.1
SUBADDRESS
If more than one data byte is transmitted, then auto-increment is performed: starting from the transmitted subaddress
and auto-increment of subaddress in accordance with the order of Table 10.
Table 10 Definition of the subaddress (second byte after slave address); note 1
Notes
1. X = don’t care.
2. Bit A7 = 1 is not allowed.
3. Bits A6 to A2 will be ignored by the internal hardware.
9.2.2
DATA BYTE FOR SWITCHING MODE
Table 11 Bit description of SAD register for switching mode (SAD = 00)
REGISTER
MSB
LSB
A7(2)
A6(3)
A5(3)
A4(3)
A3(3)
A2(3)
A1
A0
SAD for switching mode
0
XXXXX
0
0
SAD for adjust mode
0
XXXXX
0
1
SAD for data mode
0
XXXXX
1
0
BIT
VALUE
DESCRIPTION
B7
Output port 2 for SAW switching or monitoring
1
high-impedance, disabled or HIGH
0
low-impedance, active or LOW
B6
Output port 1 for SAW switching or external input
1
high-impedance, disabled or HIGH
0
low-impedance, active or LOW
B5
Forced audio mute
1on
0
off
B4 and B3
TV standard modulation
00
positive AM TV; note 1
01
not used
10
negative FM TV
11
not used
B2
Carrier mode
1
QSS mode
0
intercarrier mode
B1
Auto mute of FM AF output
1
active
0
inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com